Electronic Components Datasheet Search
  English  ▼

X  

M2011SD1 Datasheet(PDF) 13 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2011SD1
Description  General Specifications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2011SD1 Datasheet(HTML) 13 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2011SD1 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD1 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD1 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD1 Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD1 Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD1 Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD1 Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD1 Datasheet HTML 16Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD1 Datasheet HTML 17Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Series M
Bracket PC Mount Miniature Toggles
A64
A
www.nkkswitches.com
Small Toggles
S
.413” (10.5mm) Bat
S2
.200” (5.08mm) Bat
S3
.256” (6.5mm) Bat
E
.450” (11.4mm) Flatted
E2
.256” (6.5mm) Flatted
E4
.840” (21.3mm) Flatted
Q
.550” (14.0mm) Cone
Q2
.640” (16.26mm) Cone
Q4
.840” (21.3mm) Cone
Toggle dimensions are based on use with
a .350” (8.9mm) bushing; add .070”
(1.78mm) to toggle length when combin-
ing with a .280” (7.1mm) bushing
M20
Poles
1
SPDT
2
DPDT
SP3T
Small Bushings
A2
.280” (7.1mm) Smooth with Keyway
S2
.350” (8.9mm) Smooth with Keyway
A1
.280” (7.1mm) Threaded with Keyway
S1
.350” (8.9mm) Threaded with Keyway
Deduct bracket thickness of .020”
(0.51mm) from above dimensions
Bushing For Locking Levers
L2
Smooth with Keyway for Lever Lock
Locking Lever
L
.201” (5.1mm) Dia. Locking Lever
S2
S
2
2
Circuits
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
8 (ON)
OFF
(ON)
9
ON
OFF
(ON)
4
ON
ON
ON
6 (ON)
ON
(ON)
7
ON
ON
(ON)
( ) = Momentary
3-ON circuits
*
*
*
*
Standard Toggle & Bushing Combinations:
SS2 & S2A2
TYPICAL SWITCH
ORDERING EXAMPLE
IMPORTANT:
Switches are supplied without UL, cULus & CSA marking unless specified.
UL, cULus & CSA recognized only when ordered with marking on the switch.
Specific models, ratings & ordering instructions are noted on the General
Specifications page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com