Electronic Components Datasheet Search
  English  ▼

X  

ANP015 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ANP015
Description  Application Note AP2011 High Efficiency Synchronous PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ANP015 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ANP015 Datasheet HTML 7Page - List of Unclassifed Manufacturers ANP015 Datasheet HTML 8Page - List of Unclassifed Manufacturers ANP015 Datasheet HTML 9Page - List of Unclassifed Manufacturers ANP015 Datasheet HTML 10Page - List of Unclassifed Manufacturers ANP015 Datasheet HTML 11Page - List of Unclassifed Manufacturers ANP015 Datasheet HTML 12Page - List of Unclassifed Manufacturers ANP015 Datasheet HTML 13Page - List of Unclassifed Manufacturers ANP015 Datasheet HTML 14Page - List of Unclassifed Manufacturers ANP015 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ANP015
Application Note
AP2011 High Efficiency Synchronous PWM Controller
Preliminary
Anachip Corp.
www.anachip.com.tw
Rev. A.0 Oct, 29, 2004
13/15
Output P-channel MOSFET and N-channel MOSFET Selection
A. The current ability of the output P-channel and N-channel MOSFETs must be at least larger than the
peak switch current IPK. The voltage rating VDS of the P-channel and N-channel MOSFETs should be
at least 1.25 times the maximum input voltage.
B. The MOSFETs must be fast (switch time) and must be located close to the AP2011 using short leads
and short printed circuit traces. In case of a large output current, we must layout a copper to reduce the
temperature of these two MOSFETs.
Because of their fast switching speed and low DS(ON) resistor (RDS(ON)), the Anachip AF44XX series
provide the best performance and efficiency, and should be the first choice, especially in low output
voltage applications.
Input Capacitor Selection
A. The RMS current rating of the input capacitor can be calculated from the following formula table. The
capacitor manufactured by data sheet must be checked to assure that this current rating is not
exceeded.
Calculation
Step-down (buck) regulator
δ
Ton/(Ton+Toff)
I
PK
I
I
LOAD
LOAD
(min)
(max) −
I
m
I
I
LOAD
LOAD
(min)
(max) +
I
L
∆
I
LOAD
(min)
2
×
I
rms
IN
)
(
() ()


∆
+
×
×
2
3
1
I
I
I
L
m
PK
δ
B. This capacitor should be located close to the IC using short leads and the voltage rating should be
approximately 1.5 times the maximum input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com