Electronic Components Datasheet Search
  English  ▼

X  

ANP015 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ANP015
Description  Application Note AP2011 High Efficiency Synchronous PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ANP015 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ANP015 Datasheet HTML 1Page - List of Unclassifed Manufacturers ANP015 Datasheet HTML 2Page - List of Unclassifed Manufacturers ANP015 Datasheet HTML 3Page - List of Unclassifed Manufacturers ANP015 Datasheet HTML 4Page - List of Unclassifed Manufacturers ANP015 Datasheet HTML 5Page - List of Unclassifed Manufacturers ANP015 Datasheet HTML 6Page - List of Unclassifed Manufacturers ANP015 Datasheet HTML 7Page - List of Unclassifed Manufacturers ANP015 Datasheet HTML 8Page - List of Unclassifed Manufacturers ANP015 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ANP015
Application Note
AP2011 High Efficiency Synchronous PWM Controller
Preliminary
Anachip Corp.
www.anachip.com.tw
Rev. A.0 Oct, 29, 2004
2/15
1. AP2011 Specification
1.1 Features
- Single 10V to 40V Supply Application
- 1.25V + 2.0% Voltage Reference.
- Virtual Frequency Control
TM.
- Fast transient response.
- Synchronous operation for high efficiency
- Current limit function.
- Small size with minimum external components
- Soft Start and Shutdown functions
- Industrial temperature range
- Under Voltage Lockout function
- SOP-14L Pb-Free package
1.2 General Description
The AP2011 integrates Pulse-width-Modulation (PWM) control circuit into a single chip, mainly designs
for power-supply regulator. All the functions included an on-chip 1.25V reference voltage, a smart auto
modulated oscillator, UVLO, SCP, circuitry, and synchronous PWM controller circuit. Recommend the output
CE transistors as pre-driver for Driving externally. Switching frequency can be adjustable by Virtual
Frequency Control
. During low VCC situation, the UVLO makes sure that the outputs are off until the
internal circuit is operational normally.
1.3 Pin Assignments
SOP-14L
1
(Top View)
PVCC
OCSET
PHASE
PDRV
PGND
CAP
FB
AP2011
2
3
4
5
6
7
8
9
10
11
12
13
14
VCC
PGATE
VIN
NGATE
VREF
SGND
SS/SHDN
1.4 Pin Descriptions
Pin Name
No.
Description
PGATE
1
Level shift-gate driver
VCC
2
Internal regulator voltage
PVCC
3
Power VCC
PDRV
4
PMOS Gat driver
PGND
5
Power Ground
NGATE
6
Low side driver output (N
MOSFET)
VIN
7
Chip supply voltage
CAP
8
Charge pump pin
SS/ SHDN
9
Soft start, a capacitor to
ground sets the slow start
time/set low for shutdown
function.
FB
10
Feedback input
OCSET
11
Sets the converter
over-current trip point
SGND
12
Signal Ground
PHASE
13
Input from the phase node
between the MOSFETs
VREF
14
Reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com