Electronic Components Datasheet Search
  English  ▼

X  

PI3DBV40A Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3DBV40A
Description  3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3DBV40A Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3DBV40A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PS8709B
07/22/04
PI3DBV40
3.3V, Wide Bandwidth, 4-Channel,
2:1 Mux/DeMux Video Switch with Single Enable
Storage Temperature....................................–65°C to +150°C
Supply Voltage to Ground Potential...............–0.5V to +4.0V
DC Input Voltage............................................–0.5V to +5.5V
DC Output Current......................................................120mA
Power Dissipation...........................................................0.5W
Note:
Stresses greater than those listed under MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and func-
tional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods
may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines,
not tested.)
Truth Table
Function
SEL
YN to NI1
L
YN to NI2
H
DC Electrical Characteristics for Video Switching over Operating Range
(TA = –40°C to +85°C, VCC = 3.3V ±10%)
Paramenter
Description
Test Conditions
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
2
-
-
V
VIL
Input LOW Voltage
Guaranteed LOW level
–0.5
-
0.8
VIK
Clamp Diode Voltage
VCC = Max., IIN = –18mA
-
–0.7
–1.2
IIH
Input HIGH Current
VCC = Max., VIN = VCC
-
-
±5
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
-
-
±5
IOFF
Power Down Leakage Current
VCC = 0V, VY = 0V, VI ≤ 3.6
-
-
±5
RON
Switch On-Resistance(3)
VCC = Min., 1.5V ≤ VIN ≤ VCC,
IIN = –40mA
-
4
8
Ω
RFLAT(ON)
On-Resistance Flatness(4)
VCC = Min., VIN @ 1.5V and VCC,
IIN = –40mA
-
1
-
∆RON
On-Resistance match from center
ports to any other port(4)
VCC = Min., 1.5V ≤ VIN ≤ VCC,
IIN = –40mA
-
0.9
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com