Electronic Components Datasheet Search
  English  ▼

X  

PI3DBV40A Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3DBV40A
Description  3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3DBV40A Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3DBV40A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS8709B
07/22/04
PI3DBV40
3.3V, Wide Bandwidth, 4-Channel,
2:1 Mux/DeMux Video Switch with Single Enable
Notes:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
Dynamic Electrical Characteristics Over the Operating Range (TA=-40º to +85ºC, VCC=3.3V±10%, GND=0V)
Parameter
Description
Test Conditions
Min.
Typ.(2)
Max.
Units
XTALK
Crosstalk
f = 250MHz, See Fig. 2
-
-27
-
dB
OIRR
OFF Isolation
f = 250MHz, See Fig. 3
-
-32
-
BW
Bandwidth –3dB
See Fig. 1, Fig. 4
-
500
-
MHz
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Guaranteed by design.
3.
The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.25ns for 10pF load. Since this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interactions with the load on the driven side.
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
-
-
800
µA
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3.
Measured by the voltage drop between A and B pins at indicated current through the switch. On-Resistance is determined by the lower of the
voltages on the two (A & B) pins.
4.
This parameter is determined by device characterization but is not production tested.
5.
Measured on worst case corner pin.
Capacitance (TA = 25°C, f = 1MHz)
Parameters(4)
Description
Test Conditions
Typ.
Max.
Units
CIN
Input Capacitance
VIN = 0V
3.1
3.6
pF
COFF
Port I Capacitance, Switch OFF
2.8
6.0
CON
Switch Capacitance, Switch ON
9.5(5)
10.9
Switching Characteristics
Paramenter
Description
Min.
Typ.(2)
Max.
Units
tPD
Propagation Delay(2,3)
-
0.25
ns
tPZH, tPZL
Line Enable Time - SEL to YN, IN
0.5
-
15
tPHZ, tPLZ
Line Disable Time - SEL to YN, IN
0.5
-
9
tSK(o)
Output Skew between center port (Y4 to Y5) to any other port(2)
-
0.1
0.2
tSK(p)
Skew between opposite transitions of the same output
(tPHL - tPLH) (2)
-
0.1
0.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com