Electronic Components Datasheet Search
  English  ▼

X  

PI6C2409 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C2409
Description  Zero-Delay Clock Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2409 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C2409 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
PS8613A
07/15/03
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2409
Zero Delay Clock Buffer
Notes:
1. See Switching Waveforms on page 6
s
r
e
t
e
m
a
r
a
Pe
m
a
N
1
s
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
FO
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
)
H
1
–
,
1
–
(
d
a
o
l
F
p
0
3
0
1
0
0
1
z
H
M
)
H
1
–
,
1
–
(
,
d
a
o
l
F
p
0
13
3
1
t C
D
e
l
c
y
C
y
t
u
D)
H
1
–
(V
t
a
d
e
r
u
s
a
e
M
D
D
F
,
2
/
O
z
H
M
0
5
<5
40
55
5
%
e
l
c
y
C
y
t
u
D)
H
1
–
,
1
–
(V
t
a
d
e
r
u
s
a
e
M
D
D
F
,
2
/
O
z
H
M
6
6
=0
40
50
6
tR
e
m
i
T
e
s
i
R)
1
–
(
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
5
.
2
s
n
e
m
i
T
e
s
i
R)
H
1
–
(
5
.
1
tF
e
m
i
T
ll
a
F)
1
–
(
5
.
2
e
m
i
T
ll
a
F)
H
1
–
(
5
.
1
t
)
O
(
K
S
)
H
1
–
,
1
–
(
w
e
k
S
t
u
p
t
u
O
o
t
t
u
p
t
u
OV
,
d
e
d
a
o
l
y
ll
a
u
q
e
s
t
u
p
t
u
o
ll
A
D
D
2
/0
5
2
s
p
t0
N
I
K
L
C
,
y
a
l
e
D
t
u
p
t
u
O
o
t
t
u
p
n
I
e
g
d
E
g
n
i
s
i
R
0
T
U
O
o
t
e
g
d
E
g
n
i
s
i
R
)
H
1
–
,
1
–
(
V
t
a
d
e
r
u
s
a
e
M
D
D
2
/0
0
5
3
±
t
)
D
(
K
S
w
e
k
S
e
c
i
v
e
D
o
t
e
c
i
v
e
D)
H
1
–
,
1
–
(V
t
a
d
e
r
u
s
a
e
M
D
D
s
e
c
i
v
e
d
f
o
s
n
i
p
0
T
U
O
n
o
2
/0
0
0
7
t
W
E
L
S
e
t
a
R
w
e
l
S
t
u
p
t
u
O)
H
1
–
,
1
–
(
H
1
–
n
o
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
2
#
ti
u
c
ri
C
t
s
e
T
g
n
i
s
u
e
c
i
v
e
d
1s
n
/
V
t T
I
J
r
e
tt
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C)
H
1
–
,
1
–
(
s
t
u
p
t
u
o
F
p
0
3
d
e
d
a
o
l
,
z
H
M
7
6
.
6
6
t
a
d
e
r
u
s
a
e
M0
0
2s
p
t
K
C
O
L
)
H
1
–
,
1
–
(
e
m
i
T
k
c
o
L
L
L
Ps
k
c
o
l
c
d
il
a
v
,
y
l
p
p
u
s
r
e
w
o
p
e
l
b
a
t
S
s
n
i
p
N
I
K
L
C
n
o
d
e
t
n
e
s
e
r
p
0
.
1s
m
AC Electrical Characteristicsfor Commercial Temperature Device
DC Electrical Characteristics for Commercial Temperature Devices
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
x
a
Ms
t
i
n
U
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
I

8
.
0
V
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
I
0
.
2
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
IV N
I
=V
0
0
5
µA
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
IV N
I
=V D
D
5
2
1
V L
O
e
g
a
tl
o
V
W
O
L
t
u
p
t
u
OI L
O
I
;
)
1
–
(
A
m
8
=
L
O
)
H
1
–
(
A
m
2
1
=
4
.
0
V
V H
O
e
g
a
tl
o
V
H
G
I
H
t
u
p
t
u
OI H
O
I
;
)
1
–
(
A
m
8
–
=
H
O
)
H
1
–
(
A
m
2
1
–
=4
.
2
I D
D
f
f
o
L
L
P
,
s
s
a
p
y
B1
=
2
L
E
S
0
=
1
L
E
S
0
.
1
A
m
I D
D
t
n
e
r
r
u
C
y
l
p
p
u
SV
t
a
s
t
u
p
n
i
t
c
e
l
e
S
,
z
H
M
7
6
.
6
6
,
s
t
u
p
t
u
o
d
e
d
a
o
l
n
U
D
D
D
N
G
r
o
9
3
I D
D
t
n
e
r
r
u
C
y
l
p
p
u
SV
@
s
t
u
p
n
I
t
c
e
l
e
S
z
H
M
0
0
1
s
t
u
p
t
u
o
d
e
d
a
o
l
n
U
D
D
D
N
G
r
o
4
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com