Electronic Components Datasheet Search
  English  ▼

X  

PI6C2409 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C2409
Description  Zero-Delay Clock Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2409 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI6C2409 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PS8613A
07/15/03
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2409
Zero Delay Clock Buffer
SwitchingWaveforms
tlow
thigh
VDD/2
VDD/2
VDD/2
tF
tR
0.8V
2.0V
0.8V
2.0V
OUTPUT
0V
3.3V
VDD/2
VDD/2
VDD/2
VDD/2
VDD/2
VDD/2
tSK(O)
OUTPUT
OUTPUT
t0
INPUT
OUTPUT
tSK(D)
OUTPUT Device 1
OUTPUT Device 2
Duty Cycle Timing
All Outputs Rise/Fall Time
Output-Output Skew
Input-Output Propagation Delay
Device-Device Skew
tDC =
thigh
thigh+tlow
VDD
CLOAD
VDD
GND
GND
CLK out
OUTPUTS
Test Circuit 1
Test Circuit 2
0.1µF
0.1µF
Test Circuit for all parameters except tSLEW
VDD
10pF
VDD
GND
GND
CLK out
OUTPUTS
0.1µF
0.1µF
Test Circuit for tSLEW ,Output slew rate on –1H device
1k
Ω
1k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com