Electronic Components Datasheet Search
  English  ▼

X  

DLP650NE Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLP650NE
Description  0.65 1080p S600 DMD
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP650NE Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLP650NE Datasheet HTML 17Page - Texas Instruments DLP650NE Datasheet HTML 18Page - Texas Instruments DLP650NE Datasheet HTML 19Page - Texas Instruments DLP650NE Datasheet HTML 20Page - Texas Instruments DLP650NE Datasheet HTML 21Page - Texas Instruments DLP650NE Datasheet HTML 22Page - Texas Instruments DLP650NE Datasheet HTML 23Page - Texas Instruments DLP650NE Datasheet HTML 24Page - Texas Instruments DLP650NE Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
CLOAD
Tester channel
Device pin
output under test
21
DLP650NE
www.ti.com
DLPS097 – AUGUST 2017
Product Folder Links: DLP650NE
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Window Characteristics (continued)
PARAMETER(1)
CONDITIONS
MIN
NOM
MAX
UNIT
(3)
See the TI application report Wavelength Transmittance Considerations for DLP® DMD Window, .
(4)
Angle of incidence 0° to 45° at 420 nm to 680 nm. Double pass system. Two AR coating surfaces at 0.5% reflectivity per AR coating up
to 30° AOI.
Window transmittance,
single–pass through both
surfaces and glass (3)
Minimum window transmittance TMIN measured at all
angles between 0 AOI and 30 AOI (single pass) over the
wavelength range (between 420 nm and 680 nm)
97%
Average Window Transmittance Tave measured at all
angles 0 – 30 AOI (single pass) over the wavelength
range (420 nm – 680 nm)(4)
99%
Average Window Transmittance Tave measured at all
angles 30 – 45 AOI (single pass) over the wavelength
range (420nm – 680nm)
97%
6.12 Chipset Component Usage Specification
The DLP650NE is a component of one or more DLP chipsets. Reliable function and operation of the DLP650NE
requires that it be used in conjunction with the other components of the applicable DLP chipset, including those
components that contain or implement TI DMD control technology. TI DMD control technology are the TI
technology and devices for operating or controlling a DLP DMD.
7 Parameter Measurement Information
Figure 12 shows an equivalent test load circuit for the output under test. The load capacitance value stated is
only for characterization and measurement of AC timing signals. This load capacitance value does not indicate
the maximum load the device is capable of driving.
Timing reference loads are not intended as a precise representation of any particular system environment or
depiction of the actual load presented by a production test. Use IBIS or other simulation tools to correlate the
timing reference load to a system environment. Refer to the Application and Implementation section.
Figure 12. Test Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com