Electronic Components Datasheet Search
  English  ▼

X  

DLP650NE Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLP650NE
Description  0.65 1080p S600 DMD
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP650NE Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLP650NE Datasheet HTML 9Page - Texas Instruments DLP650NE Datasheet HTML 10Page - Texas Instruments DLP650NE Datasheet HTML 11Page - Texas Instruments DLP650NE Datasheet HTML 12Page - Texas Instruments DLP650NE Datasheet HTML 13Page - Texas Instruments DLP650NE Datasheet HTML 14Page - Texas Instruments DLP650NE Datasheet HTML 15Page - Texas Instruments DLP650NE Datasheet HTML 16Page - Texas Instruments DLP650NE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
DLP650NE
www.ti.com
DLPS097 – AUGUST 2017
Product Folder Links: DLP650NE
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
All voltages are referenced to common ground VSS. Supply voltages VCC, VCCI, VOFFSET, VBIAS, and VRESET are all required for
proper DMD operation. VSS must also be connected.
(2)
Applies to LVCMOS input pins only. Does not apply to LVDS pins and MBRST pins.
(3)
LVCMOS input pins utilize an internal 18000 Ω passive resistor for pull-up and pull-down configurations. Refer to Pin Configuration and
Functions to determine pull-up or pull-down configuration used.
(4)
To prevent excess current, the supply voltage change |VCCI – VCC| must be less than specified limit.
(5)
To prevent excess current, the supply voltage change |VBIAS – VOFFSET| must be less than specified limit.
6.6 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VCC = 3.3 V, IOH = –20 mA
2.4
V
VOL
Low -level output voltage
VCC = 3.45 V, IOL = 15 mA
0.4
V
IIH
High-level input current(2) (3)
VCC = 3.45 V , VI = VCC
250
µA
IlL
Low-level input current
VCC = 3.45 V, VI = 0
–250
µA
IOZ
High–impedance output current
VCC = 3.45 V
10
µA
CURRENT
ICC
Supply current (4)
VCC = 3.45 V
1100
mA
ICCI
VCCI = 3.45 V
500
IOFFSET
Supply current (5)
VOFFSET = 8.75 V
25
mA
IBIAS
VBIAS = 16.5 V
14
IRESET
Supply current
VRESET = –10.5 V
11
mA
ITOTAL
Total Sum
1650
CAPACITANCE
CI
Input capacitance
ƒ = 1 MHz
10
pF
CO
Output capacitance
ƒ = 1 MHz
10
pF
CM
Reset group capacitance
MBRST(14:0)
ƒ = 1 MHz
all inputs interconnected,
(1920 x 1080) array
330
390
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com