Electronic Components Datasheet Search
  English  ▼

X  

BTA20F Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BTA20F
Description  Triac in a TO-220F Plastic Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BTA20F Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BTA20F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA20F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA20F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA20F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA20F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA20F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA20F Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BTA20F
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 7
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Repetitive peak off-state voltages
VDRM/VRRM
600/700
V
On-state rms current(full sine wave
TC=70℃)
IT(RMS)
20
A
Non repetitive surge peak on-state
current(full cycle, Tj initial = 25 °C)
ITSM(F=50Hz
t=10ms)
210
A
Non repetitive surge peak on-state
current(full cycle, Tj initial = 25 °C)
ITSM(F=60Hz
t=8.3ms)
200
A
I2t value for fusing
I2t(tp=10ms)
200
A2s
Critical rate of rise of on-state current
IG =2xIGT, tr≤100 ns(F=50Hz Tj=125℃)
dI/dt
50
A/μs
Critical rate of rise of on-state current
IG =2xIGT, tr≤100 ns(Tj=125℃)
100
Non repetitive peak off-state
Voltage(tp = 10 ms Tj = 25° C)
VDSM/VRSM
VDRM/VRRM
+ 100
V
Peak gate current(tp =20μs Tj=125℃)
IGM
4.0
A
Peak positive gate voltage(tp =20μs)
VGM
16
V
Average gate power dissipation(Tj=125℃)
PG(AV)
1.0
W
Operating junction temperature range
Tj
-40~125
℃
Storage junction temperature range
Tstg
-40~150
℃
Junction to ambient
Rth(j-a)
60
/W
℃
Junction to case for AC
Rth(j-c)
2.1
Junction to case for DC
Rth(j-c)
2.8
符号
Symbol
测试条件
Test Conditions
信号区
Quadrant
BTA20F
单位
Unit
BW
CW
IGT
(1)
VD=12V RL=33Ω
ALL
Min.
2.0
1.0
mA
Max.
50
35
VGT
ALL
Max.
1.5
V
VGD
VD=VDRM RL=3.3KΩ
Tj=125℃
ALL
Min.
0.2
V
IH
(2)
IT=500mA,gate open
Max.
75
50
mA
IL
IG=1.2IGT
I-III
Typ.
50
-
mA
II
90
-
I- II -III
Max.
-
80
dV/dt (2)
VD = 67 % VDRM ,gate open
Tj = 125° C
Typ.
750
500
V/μs
Min.
500
250
(dV /dt)c (2)
(dI/dt)c = 20A/ms
Tj = 125° C
Typ.
36
22
V/μs
Min.
18
11
Note 1:minimum IGT is guaranted at 5% of IGT max.
Note 2:for both polarities of A2 referenced to A1.
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com