Electronic Components Datasheet Search
  English  ▼

X  

BTA20F Datasheet(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BTA20F
Description  Triac in a TO-220F Plastic Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BTA20F Datasheet(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BTA20F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA20F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA20F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA20F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA20F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA20F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA20F Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BTA20F
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
3 / 7
符号
Symbol
测试条件
Test Conditions
数值
Value
单位
Unit
VTM
(1)
ITM=28A
tp =380μs
Tj=125℃
Max.
1.7
V
IDRM
IRRM
VDRM = VRRM
Tj=25℃
Max.
10
μA
Tj=125℃
Max.
3.0
mA
Note1. for both polarities of A2 referenced to A1
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com