Electronic Components Datasheet Search
  English  ▼

X  

RT4730 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT4730
Description  Power Solution for Wearable AMOLED Products
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4730 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT4730 Datasheet HTML 1Page - Richtek Technology Corporation RT4730 Datasheet HTML 2Page - Richtek Technology Corporation RT4730 Datasheet HTML 3Page - Richtek Technology Corporation RT4730 Datasheet HTML 4Page - Richtek Technology Corporation RT4730 Datasheet HTML 5Page - Richtek Technology Corporation RT4730 Datasheet HTML 6Page - Richtek Technology Corporation RT4730 Datasheet HTML 7Page - Richtek Technology Corporation RT4730 Datasheet HTML 8Page - Richtek Technology Corporation RT4730 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RT4730
®
DS4730-01
March 2017
www.richtek.com
1
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Power Solution for Wearable AMOLED Products
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Applications
Wearable AMOLED Products
Marking Information
Pin Configuration
(TOP VIEW)
WL-CSP-16B 2.34x2.34 (BSC)
General Description
The RT4730 is a highly integrated power solution with
Buck-Boost, and inverting charge pump to generate
positive and negative output voltage. The output voltages
can be adjusted with by SWIRE interface protocols. With
its input voltage range of 2.9V to 4.8V, the RT4730 is
optimized for products powered by single-cell batteries
and symmetrical output currents up to 50mA. The RT4730
is available in the WL-CSP-16B 2.34x2.34 (BSC) package.
Package Type
WSC : WL-CSP-16B 2.34x2.34 (BSC)
RT4730
Features
Input Voltage Range : 2.9V to 4.8V
Positive Output Voltage AVDD : 3.3V
Positive Output Voltage OVDD Range : 2.8V to 4V
(Default is 3.3V ±1%)
Negative Output Voltage OVSS Range :
−−−−−0.6V to
−−−−−4V (Default is −−−−−3.3V ±1%)
Excellent Line/Load Regulation
Excellent Line/Load Transient
Advanced Power-Save Mode for Light-Load
Efficiency
Low Output Ripple Voltage
Built-in Internal Soft-Start
True Output Load Disconnect From Input
UVLO, SCP, OCP, OTP, OVP Protection
Shutdown Current : Typ. 0.1
μμμμμA
AGND
PVIN
AVIN
LX1
PGND CPGND
AVDDEN
LX2
SWIRE
VOUT
AVDD
OVDD
C1P
C1N
VON
OVSS
A1
B1
C1
D1
A2
B2
C2
D2
A3
B3
C3
D3
A4
B4
C4
D4
0U YM
DNN
0U : Product Code
YMDNN : Date Code


Similar Part No. - RT4730

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4723 RICHTEK-RT4723 Datasheet
1Mb / 15P
Built-in Soft-Start
RT4723P RICHTEK-RT4723P Datasheet
1Mb / 16P
Dual Output AMOLED Bias
RT4723PWSC RICHTEK-RT4723PWSC Datasheet
1Mb / 16P
Dual Output AMOLED Bias
More results

Similar Description - RT4730

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2518121217Y6 ETC1-2518121217Y6 Datasheet
255Kb / 3P
Fair-Rite Products Corp. Your Sinnal Solution
logo
Texas Instruments
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
Triple-Output AMOLED Display Power Supply
logo
Maxim Integrated Produc...
MAX14690 MAXIM-MAX14690 Datasheet
714Kb / 3P
Wearable Charge-Management Solution
Rev 10; 4/16
logo
Texas Instruments
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
Dual-Output AMOLED Display Power Supply
logo
Maxim Integrated Produc...
MAX32625 MAXIM-MAX32625 Datasheet
1Mb / 27P
High-Efficiency Microcontroller for Wearable Devices
Rev 0; 8/16
MAX20303 MAXIM-MAX20303 Datasheet
2Mb / 152P
Wearable Power Management Solution
Rev 6; 10/17
logo
Cirrus Logic
CS47L24 CIRRUS-CS47L24 Datasheet
4Mb / 256P
Low Power Audio Hub for Wearable Technology
Rev 4.1 JAN 2017
logo
Maxim Integrated Produc...
MAX14676 MAXIM-MAX14676 Datasheet
304Kb / 3P
Wearable Charge Management Solution
Rev 3; 5/17
logo
Analog Devices
ADP5320 AD-ADP5320 Datasheet
134Kb / 2P
Wearable Power Management Solution for Multiple Battery Types
MAX20356 AD-MAX20356 Datasheet
10Mb / 192P
Wearable Power-Management Solution
Rev 0; 3/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com