Electronic Components Datasheet Search
  English  ▼

X  

RT5047 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT5047
Description  Single Output LNB Supply and Control Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5047 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT5047 Datasheet HTML 3Page - Richtek Technology Corporation RT5047 Datasheet HTML 4Page - Richtek Technology Corporation RT5047 Datasheet HTML 5Page - Richtek Technology Corporation RT5047 Datasheet HTML 6Page - Richtek Technology Corporation RT5047 Datasheet HTML 7Page - Richtek Technology Corporation RT5047 Datasheet HTML 8Page - Richtek Technology Corporation RT5047 Datasheet HTML 9Page - Richtek Technology Corporation RT5047 Datasheet HTML 10Page - Richtek Technology Corporation RT5047 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
RT5047
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5047-02
July
2017
www.richtek.com
7
Typical Application Circuit
VIN
CBST
20
μF/30μF
VIN
RT5047
L1
10
μF
LX
SEL
TONE
GND
LNB
CLNB
0.1
μF
Max. 550mA
CIN2
1
μF
CIN1
2x10
μF
BOOST
EN
VLNB
D1
SS14
D2
SS14
D4
SMDJ20A
D3
SS14
D5
SS14
1
2
3
4
5
8
6
9 (Exposed Pad)
COMP
7
Note :
1. D2, D3, D4, D5 are used for surge protection.
2. The capacitor C3 should not be less than 1
F for the power stability.
3. EN, TONE and SEL are connected to microcontroller directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com