Electronic Components Datasheet Search
  English  ▼

X  

RT5047 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT5047
Description  Single Output LNB Supply and Control Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5047 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT5047 Datasheet HTML 1Page - Richtek Technology Corporation RT5047 Datasheet HTML 2Page - Richtek Technology Corporation RT5047 Datasheet HTML 3Page - Richtek Technology Corporation RT5047 Datasheet HTML 4Page - Richtek Technology Corporation RT5047 Datasheet HTML 5Page - Richtek Technology Corporation RT5047 Datasheet HTML 6Page - Richtek Technology Corporation RT5047 Datasheet HTML 7Page - Richtek Technology Corporation RT5047 Datasheet HTML 8Page - Richtek Technology Corporation RT5047 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT5047
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5047-02
July
2017
www.richtek.com
1
Single Output LNB Supply and Control Voltage Regulator
General Description
The RT5047 is a highly integrated voltage regulator
and interface IC, specifically design for supplying
power and control signals from advanced satellite
set-top box (STB) modules to the LNB down-converter
in the antenna dish or to the multi-switch box.
The device is consists of the independent current-mode
boost controller and low dropout linear regulator along
with the circuitry required for 22kHz tone shaping to
support DiSEqCTM1.x communications.
The
RT5047
has
fault
protection
(over-current,
over-temperature and under-voltage lockout).
The RT5047 are available in a SOP-8 (Exposed Pad)
package to achieve optimized solution for thermal
dissipation.
Ordering Information
RT5047
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for
use in
SnPb
or
Pb-free soldering
processes.
Features
Wide Input Supply Voltage Range : 8V to 16V
Output Current Limit of 550mA with 45ms timer
Low Noise LNB Output Voltage (13.3V and 18.3V
by SEL Pin, 14.3V and 19.3V by COMP Pin)
3% High Accuracy for 0mA to 500mA Current
Output
Push-Pull Output Stage minimizes 13.3V to
18.3V and 18.3V to 13.3V Output Transition Time
External 22kHz Tone Input
Meet DiSEqC
TM1.x Protocol
Output Short Circuit Protection
Over-Temperature Protection
Applications
LNB Power Supply and Control for Satellite Set-Top
Box
Analog and Digital Satellite Receivers/Satellite TV,
Satellite PC cards
Pin Configuration
(TOP VIEW)
LNB
BOOST
LX
VIN
TONE
COMP
EN
SEL
GND
2
3
4
5
6
7
8
9
SOP-8 (Exposed Pad)
Simplified Application Circuit
VIN
CBST
VIN
RT5047
L1
LX
SEL
TONE
GND
LNB
CLNB
Max. 550mA
CIN2
CIN1
BOOST
EN
VLNB
D1
D2
D4
D3
D5
COMP


Similar Part No. - RT5047

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5047 RICHTEK-RT5047 Datasheet
976Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5047A RICHTEK-RT5047A Datasheet
925Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5047AGSP RICHTEK-RT5047AGSP Datasheet
925Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
Single Output LNB Supply and Control Voltage Regulator
RT5047BF RICHTEK-RT5047BF Datasheet
941Kb / 17P
Single Output LNB Supply and Control Voltage Regulator
More results

Similar Description - RT5047

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
Single LNB Supply and Control Voltage Regulator
February 15, 2012
logo
Intersil Corporation
ISL9492_1103 INTERSIL-ISL9492_1103 Datasheet
1Mb / 21P
Single Output LNB Supply and Control Voltage Regulator
March 17, 2011
logo
Allegro MicroSystems
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
Single LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
Single LNB Supply and Control Voltage Regulator
logo
Richtek Technology Corp...
RT5047 RICHTEK-RT5047 Datasheet
976Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5047A RICHTEK-RT5047A Datasheet
925Kb / 16P
Single Output LNB Supply and Control Voltage Regulator
RT5070 RICHTEK-RT5070 Datasheet
825Kb / 13P
Single Output LNB Supply and Control Voltage Regulator
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
Single Output LNB Supply and Control Voltage Regulator
RT5047BF RICHTEK-RT5047BF Datasheet
941Kb / 17P
Single Output LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com