Electronic Components Datasheet Search
  English  ▼

X  

PT4585 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4585
Description  30-W 24/48-V Input Isolated DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4585 Datasheet(HTML) 3 Page - Texas Instruments

  PT4585 Datasheet HTML 1Page - Texas Instruments PT4585 Datasheet HTML 2Page - Texas Instruments PT4585 Datasheet HTML 3Page - Texas Instruments PT4585 Datasheet HTML 4Page - Texas Instruments PT4585 Datasheet HTML 5Page - Texas Instruments PT4585 Datasheet HTML 6Page - Texas Instruments PT4585 Datasheet HTML 7Page - Texas Instruments PT4585 Datasheet HTML 8Page - Texas Instruments PT4585 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the DC-DC Converter.
Note B:
SOA Curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
PT4582, 5.0 VDC (See Note A)
PT4583, 12.0 VDC (See Note A)
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
PT4581, 3.3 VDC (See Note A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Iout (A)
Vin
Vin
Vin
Vin
Vin
Vin
40
50
60
70
80
90
100
024
68
18.0V
24.0V
36.0V
48.0V
60.0V
0
10
20
30
40
50
60
02468
18.0V
24.0V
36.0V
48.0V
60.0V
0
2
4
6
8
10
02
4
6
8
18.0V
24.0V
36.0V
48.0V
60.0V
40
50
60
70
80
90
100
01
23456
18.0V
24.0V
36.0V
48.0V
60.0V
0
10
20
30
40
50
60
70
01
2
3
45
6
18.0V
24.0V
36.0V
48.0V
60.0V
0
2
4
6
8
01
2
3
45
6
18.0V
24.0V
36.0V
48.0V
60.0V
Safe Operating Area (Vin =24V)
Safe Operating Area (Vin =24V)
Safe Operating Area (Vin =24V)
20
30
40
50
60
70
80
90
0
123
45
678
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
01
23
456
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
PT4580 Series
30-W 24/48-V Input
Isolated DC/DC Converter
40
50
60
70
80
90
100
00.5
11.5
22.5
Iout (A)
18.0V
24.0V
36.0V
48.0V
60.0V
VIN
0
20
40
60
80
100
120
0
0.5
11.5
22.5
Iout (A)
60.0V
48.0V
36.0V
24.0V
18.0V
VIN
0
2
4
6
8
00.5
11.5
22.5
Iout (A)
60.0V
48.0V
36.0V
24.0V
18.0V
VIN
20
30
40
50
60
70
80
90
00.5
11.5
22.5
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com