Electronic Components Datasheet Search
  English  ▼

X  

PT4585 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT4585
Description  30-W 24/48-V Input Isolated DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4585 Datasheet(HTML) 4 Page - Texas Instruments

  PT4585 Datasheet HTML 1Page - Texas Instruments PT4585 Datasheet HTML 2Page - Texas Instruments PT4585 Datasheet HTML 3Page - Texas Instruments PT4585 Datasheet HTML 4Page - Texas Instruments PT4585 Datasheet HTML 5Page - Texas Instruments PT4585 Datasheet HTML 6Page - Texas Instruments PT4585 Datasheet HTML 7Page - Texas Instruments PT4585 Datasheet HTML 8Page - Texas Instruments PT4585 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Adjusting the Output Voltage of Power Trends’
30W Isolated DC/DC Converter Series
The factory pre-set output voltage of Power Trends’ 30W
series of isolated DC/DC converters may be adjusted
within a nominal ±10% range. This is accomplished with
the addition of a single external resistor. For the input
voltage range specified in the data sheet, Table 1 gives the
allowable adjustment range for each model as Vo (min)
and Vo (max).
Adjust Up:
An increase in the output voltage is obtained
by adding a resistor, R2 between Vo adjust (pin 18), and
-Remote Sense (pin 13). See note 4.
Adjust Down:
Add a resistor (R1), between Vo adjust (pin
18), and +Remote Sense (pin 19).
Refer to Figure 1 and Tables 2 & 3 for both the placement and
value of the required resistor, (R1) or R2.
Notes:
1. Use only a single 1% resistor in either the (R1) or R2
location. Place the resistor as close to the ISR as possible.
2. Never connect capacitors to Vo adjust. Any capacitance
added to the Vo adjust control pin will affect the stability of
the ISR.
Table 1
DC/DC CONVERTER ADJUSTMENT RANGE AND FORMULA PARAMETERS
Series Pt #
AL Case:
24V Bus
PT3341
PT3342
PT3343
PT3344
48V Bus
PT3327
PT3325
PT3326
PT3321
PT3322
PT3323
PT3324
CU Case:
24V Bus
PT4585
PT4581
PT4582
PT4583
PT4584
48V Bus
PT4567
PT4565
PT4566
PT4561
PT4562
PT4571
PT4563
PT4564
Vo(nom)
1.8V
1.8V
2.0V
2.5V
3.3V
5.0V
9.0V
12.0V
15.0V
Vo(min)
1.62V
1.62V
1.8V
2.25V
2.95V
4.5V
7.0V
10.8V
13.5V
Vo(max)
2.5V
1.98V
2.2V
2.75V
3.65V
5.5V
10.0V
13.2V
16.5V
Vr
1.225V
1.225V
1.225V
1.225V
1.225V
1.225V
2.5V
2.5V
2.5V
Ko (V·k
Ω
Ω
Ω
Ω
Ω)
69.58
69.58
62.47
42.33
68.89
68.71
133.25
135.9
137.5
Rs (k
Ω
Ω
Ω
Ω
Ω)
80.6
80.6
150.0
121.0
150.0
121.0
110
90.9
80.6
Figure 1
(R1)
Adj Down
R2
Adj
Up
Cin
100
µF
100V
(Optional)
+
Cout
330
µF
+
L
O
A
D
+V
out
-V
out
+V
in
-V
in
30W Isolated
18
4, 5, 6
7, 8, 9
+Vin
+Vout
-Vin
Vo(adj)
Remote
On/Off
2
Sns(+)
19
10 - 12
-Vout
14 - 17
Sns(-)
13
3. If the remote sense pins are not being used, the resistors
(R1) and R2 can be connected to +Vout or -Vout
respectively.
4. The adjusted output voltage, Va effectively sets the voltage
across pins 13 and 19 (±Remote Sense). When using the
remote sense pins, Vout (measured directly across pins 10–
12, and 14–17) can be significantly higher than Va, and may
exceed Vo (max). If Va is adjusted upward of Vo(max), the
the minimum input voltage is increased by the same
percentage as Vout exceeds Vo(max).
The values of (R
1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulas.
(R1)
=
Ko (Va – Vr)
– Rs
k
Ω
Vr (Vo – Va)
R2
=
Ko
– Rs
k
Ω
(Va – Vo)
Where
Vo = Original output voltage
Va = Adjusted output voltage
Vr = Reference voltage (Table 1)
Ko = Multiplier constant (Table 1)
Rs = Series resistance (Table 1)
PT3320/3340/4560/4580 Series



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com