Electronic Components Datasheet Search
  English  ▼

X  

M61540FP Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # M61540FP
Description  6ch Electronic Volume with 5 Input Selector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

M61540FP Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button M61540FP Datasheet HTML 4Page - Hitachi Semiconductor M61540FP Datasheet HTML 5Page - Hitachi Semiconductor M61540FP Datasheet HTML 6Page - Hitachi Semiconductor M61540FP Datasheet HTML 7Page - Hitachi Semiconductor M61540FP Datasheet HTML 8Page - Hitachi Semiconductor M61540FP Datasheet HTML 9Page - Hitachi Semiconductor M61540FP Datasheet HTML 10Page - Hitachi Semiconductor M61540FP Datasheet HTML 11Page - Hitachi Semiconductor M61540FP Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
M61540FP
Preliminary
Rev.1.0, May.31.2004, page 8 of 16
It’s initial setting when power is turned on.
(5) Bass/Bypass
ATT Setting
D8a
D9a
D10a
D11a
+14dB
1
1
1
1
+12dB
1
1
1
0
+10dB
1
1
0
1
+8dB
1
1
0
0
+6dB
1
0
1
1
+4dB
1
0
1
0
+2dB
1
0
0
1
0dB
1
0
0
0
−2dB
0
0
0
1
−4dB
0
0
1
0
−6dB
0
0
1
1
−8dB
0
1
0
0
−10dB
0
1
0
1
−12dB
0
1
1
0
−14dB
0
1
1
1
Bypass*3
0
0
0
0
*3: Tone control is bypass.
(6) Treble
ATT Setting
D12a
D13a
D14a
D15a
+14dB
1
1
1
1
+12dB
1
1
1
0
+10dB
1
1
0
1
+8dB
1
1
0
0
+6dB
1
0
1
1
+4dB
1
0
1
0
+2dB
1
0
0
1
0dB
1/0
0
0
0
−2dB
0
0
0
1
−4dB
0
0
1
0
−6dB
0
0
1
1
−8dB
0
1
0
0
−10dB
0
1
0
1
−12dB
0
1
1
0
−14dB
0
1
1
1
(7) Gain Control
Lch
D0b
D1b
Rch
D9b
D10b
Cch
D0c
D1c
SWch
D9c
D10c
SLch
D0d
D1d
ATT
Setting
SRch
D9d
D10d
0dB
0
0
6dB
0
1
12dB
1
0
18dB
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com