Electronic Components Datasheet Search
  English  ▼

X  

M61540FP Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # M61540FP
Description  6ch Electronic Volume with 5 Input Selector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

M61540FP Datasheet(HTML) 3 Page - Hitachi Semiconductor

  M61540FP Datasheet HTML 1Page - Hitachi Semiconductor M61540FP Datasheet HTML 2Page - Hitachi Semiconductor M61540FP Datasheet HTML 3Page - Hitachi Semiconductor M61540FP Datasheet HTML 4Page - Hitachi Semiconductor M61540FP Datasheet HTML 5Page - Hitachi Semiconductor M61540FP Datasheet HTML 6Page - Hitachi Semiconductor M61540FP Datasheet HTML 7Page - Hitachi Semiconductor M61540FP Datasheet HTML 8Page - Hitachi Semiconductor M61540FP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
M61540FP
Preliminary
Rev.1.0, May.31.2004, page 3 of 16
Pin Description
Pin No.
Name
Function
1, 8, 25, 32
AGND
Analog Ground
2
LIN
Input pin of L channel (Multi)
3
RIN
Input pin of R channel (Multi)
4
CIN
Input pin of C channel (Multi)
5
SWIN
Input pin of SW channel (Multi)
6
SLIN
Input pin of SL channel (Multi)
7
SRIN
Input pin of SR channel (Multi)
9
SROUT
Output pin of SR channel
10
SLOUT
Output pin of SL channel
11
SWOUT
Output pin of SW channel
12
COUT
Output pin of C channel
13
DVDD
Power supply to internal logic circuit
14
DATA
Input pin of control data
15
CLOCK
Input pin of control clock
16
DGND
Ground of internal logic circuit
17
ROUT
Output pin of R channel
18
LOUT
Output pin of L channel
19, 20
BASR1, BASR2
Frequency characteristic setting pin of R channel tone control (BASS)
21, 22
BASL1, BASL2
Frequency characteristic setting pin of L channel tone control (BASS)
23
TRER
Frequency characteristic setting pin of R channel tone control (Treble)
24
TREL
Frequency characteristic setting pin of L channel tone control (Treble)
26, 28, 30
INR1, 2, 3
Input pin of R channel (Input Selector)
27, 29, 31
INL1, 2, 3
Input pin of L channel (Input Selector)
33, 35
INL4, 5/ RECL1, 2
Input pin of L channel (Input Selector) can use REC output pin
34, 36
INR4, 5/ RECR1, 2
Input pin of R channel (Input Selector) can use REC output pin
37
AVEE
Negative power supply to internal analog circuit
38
AVCC
Positive power supply to internal analog circuit
39, 40
ADCR, ADCL
Output pin for ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com