Electronic Components Datasheet Search
  English  ▼

X  

2SB776 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SB776
Description  Silicon PNP transistor in a TO-126F Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SB776 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SB776 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SB776 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SB776 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SB776 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SB776 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SB776 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SB776
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-126F 塑封封装 PNP 半导体三极管。Silicon PNP transistor in a TO-126F Plastic Package.

饱和压降 VCE(sat)小,hFE 高且线性极好。
Low saturation voltage, excellent hFE linearity and high hFE.
用于功率放大,电源开关。
Power amplifier and switching applications.
PIN1
:Emitter
PIN 2
:Collector
PIN 3
:Base
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
3
2
1


Similar Part No. - 2SB776

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB776 SANYO-2SB776 Datasheet
116Kb / 4P
100V/7A, AF 40W Output Applications????
logo
Unisonic Technologies
2SB776 UTC-2SB776 Datasheet
61Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
Savantic, Inc.
2SB776 SAVANTIC-2SB776 Datasheet
196Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB776 JMNIC-2SB776 Datasheet
215Kb / 4P
Silicon PNP Power Transistors
logo
Weitron Technology
2SB776 WEITRON-2SB776 Datasheet
199Kb / 5P
2SB776 PNP Epitaxial Planar Transistors, 2SD886 NPN Epitaxial Planar Transistors
More results

Similar Description - 2SB776

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BD438 FOSHAN-BD438 Datasheet
874Kb / 6P
Silicon PNP transistor in a TO-126F Plastic Package.
BD440 FOSHAN-BD440 Datasheet
921Kb / 6P
Silicon PNP transistor in a TO-126F Plastic Package.
KSA1156 FOSHAN-KSA1156 Datasheet
897Kb / 6P
Silicon PNP transistor in a TO-126F Plastic Package.
MJE172 FOSHAN-MJE172 Datasheet
759Kb / 6P
Silicon PNP transistor in a TO-126F Plastic Package.
MJE210 FOSHAN-MJE210 Datasheet
820Kb / 6P
Silicon PNP transistor in a TO-126F Plastic Package.
2SB631K FOSHAN-2SB631K Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-126F Plastic Package.
2SB772 FOSHAN-2SB772 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-126F Plastic Package.
BD136 FOSHAN-BD136 Datasheet
751Kb / 6P
Silicon PNP transistor in a TO-126F Plastic Package.
MJE350 FOSHAN-MJE350 Datasheet
862Kb / 6P
Silicon PNP transistor in a TO-126F Plastic Package.
2SB1658 FOSHAN-2SB1658 Datasheet
832Kb / 6P
Silicon PNP transistor in a TO-126F Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com