Electronic Components Datasheet Search
  English  ▼

X  

M650 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # M650
Description  Voltage Controlled SAW Oscillators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M650 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  M650 Datasheet HTML 1Page - Integrated Circuit Systems M650 Datasheet HTML 2Page - Integrated Circuit Systems M650 Datasheet HTML 3Page - Integrated Circuit Systems M650 Datasheet HTML 4Page - Integrated Circuit Systems M650 Datasheet HTML 5Page - Integrated Circuit Systems M650 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Integrated Circuit Systems, Inc.
Communications Modules
www.icst.com/Comm-Modules
tel: 508-852-5400
M650 Series
Performance Specifications
5
Integrated Circuit Systems
M650
155.520MHz
155.52MHz
155.52MHz
F and Frequency
Detector
Loop
Filter
APPLICATIONS
Jitter Attenuator
Frequency Translator
Multi-rate FEC Clock Generator
M650
666.5143MHz
M650
622.080MHz
M650
669.3266MHz
Programmable
Divider
Fin
Fout
F and Frequency
Detector
Loop
Filter
MUX
M650
622.080MHz
Divide by 32
19.44MHz
622.080MHz
F and Frequency
Detector
Loop
Filter



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com