Electronic Components Datasheet Search
  English  ▼

X  

M650 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # M650
Description  Voltage Controlled SAW Oscillators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M650 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  M650 Datasheet HTML 1Page - Integrated Circuit Systems M650 Datasheet HTML 2Page - Integrated Circuit Systems M650 Datasheet HTML 3Page - Integrated Circuit Systems M650 Datasheet HTML 4Page - Integrated Circuit Systems M650 Datasheet HTML 5Page - Integrated Circuit Systems M650 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
M650 Series
Performance Specifications
Integrated Circuit Systems, Inc.
Communications Modules
www.icst.com/Comm-Modules
tel: 508-852-5400
6
Integrated Circuit Systems
MECHANICAL DIMENSIONS & PIN CONFIGURATION
Rev. 14.0
M650
Series
GND
Vcc
50Ω
50Ω
5
4
7
3
Output
Output
Control Voltage
Clock Enable
1
2
Vt
Vt = Vcc-2V
6
7
8
7
8
5
4
.550 [13.97]
1
2
3
3
2
1
4
5
ORIENTATION KEY
8X .040 [1.02]
8X .066 [1.68]
.200 [5.08]
.100 [2.54]
.145 [3.28] MAX
Pin No.
Function
1
Control Voltage
2
Clock Enable
3
Case and Electrical Ground
4
GND
5
Output
6
Complimentary Output
7
Vcc
8
GND
ORDERING INFORMATION
BLOCK DIAGRAM
Part Number
M650P 622.0800
P for PECL Operation
Specify frequency in MHz xxx.xxxx
(eg. 155.5200MHz, 311.0400MHz,
622.0800MHz, 666.5140MHz)
Absolute Pull Range
Blank = ±50ppm
±100ppm available for certain frequencies.
Consult factory.
Integrated Circuit Systems, Inc.
Communications Modules
324 Clark Street Worcester, MA 01606 tel: 508-852-5400 fax: 508-852-8456
European Sales Headquarters
Hertogsingel 20
6214 AD Maastricht
The Netherlands
tel: +31-43-32-70912
fax: +31-43-32-70715
www.icst.com/Comm-Modules
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any information
being relied upon by the customer is current and accurate.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com