Electronic Components Datasheet Search
  English  ▼

X  

TUSB215 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB215
Description  USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB215 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB215 Datasheet HTML 1Page - Texas Instruments TUSB215 Datasheet HTML 2Page - Texas Instruments TUSB215 Datasheet HTML 3Page - Texas Instruments TUSB215 Datasheet HTML 4Page - Texas Instruments TUSB215 Datasheet HTML 5Page - Texas Instruments TUSB215 Datasheet HTML 6Page - Texas Instruments TUSB215 Datasheet HTML 7Page - Texas Instruments TUSB215 Datasheet HTML 8Page - Texas Instruments TUSB215 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Thermal
Pad
2
NC
3
NC
4
DC_BOOST/ENA_HS
5
D2P
6
D2M
9
D1M
10
D1P
11
SDA
12
VCC
13
SCL/CD
Not to scale
3
TUSB215
www.ti.com
SLLSEX8A – AUGUST 2017 – REVISED AUGUST 2017
Product Folder Links: TUSB215
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Pull-down and pull-up (to 3.3 V) resistors for DC_BOOST pins must be between 22 kΩ to 47 kΩ in non I2C mode.
(2)
Pull-up resistors for SDA and SCL pins in I2C mode should be 2 kΩ (5%). If both SDA and SCL are pulled up at reset the device enters
into I2C mode.
5 Pin Configuration and Functions
RGY Package
14 Pin (VQFN)
Top View
Pin Functions
PIN
I/O
INTERNAL
PULLUP/PULLDOWN
DESCRIPTION
NAME
NO.
EQ
1
I
N/A
USB High Speed AC boost select via external pull down resistor.
Sampled upon de-assertion of RSTN. Does not recognize real time
adjustments.
See application section for details. Auto selects maximum AC boost level
when left floating.
NC
2, 3
N/A
N/A
Leave unconnected.
DC_BOOST(1
)/ENA_HS
4
I/O
In I2C mode:
Reserved for TI test purpose.
In non-I2C mode:
At reset: 3-level input signal DC_BOOST. USB High Speed DC signal boost
selection.
H (pin is pulled high) – 80 mV
M (pin is left floating) – 60 mV
L (pin is pulled low) – 40 mV
After reset: Output signal ENA_HS. Flag indicating that channel is in High
Speed mode. Asserted upon:
1. Detection of USB-IF High Speed test fixture from an unconnected state
followed by transmission of USB TEST_PACKET pattern.
2. Squelch detection following USB reset with a successful HS handshake [HS
handshake is declared to be successful after single chirp J chirp K pair where
each chirp is within 18 μs – 128 μs].
D2P
5
I/O
N/A
USB High Speed positive port.
D2M
6
I/O
N/A
USB High Speed negative port.
GND
7
PWR
N/A
Ground
VREG
8
O
N/A
1.8-V LDO output. Only enabled when operating in High Speed mode.
Requires 0.1-µF external capacitor to GND to stabilize the core.
D1M
9
I/O
N/A
USB High Speed negative port..
D1P
10
I/O
N/A
USB High Speed positive port.
SDA(2)
11
I/O
RSTN asserted: 500 k
Ω PD
I2C Mode:
Bidirectional I2C data pin [I2C address = 0x2C].
In non I2C mode:
Reserved for TI test purpose.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com