Electronic Components Datasheet Search
  English  ▼

X  

TUSB215 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB215
Description  USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB215 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB215 Datasheet HTML 1Page - Texas Instruments TUSB215 Datasheet HTML 2Page - Texas Instruments TUSB215 Datasheet HTML 3Page - Texas Instruments TUSB215 Datasheet HTML 4Page - Texas Instruments TUSB215 Datasheet HTML 5Page - Texas Instruments TUSB215 Datasheet HTML 6Page - Texas Instruments TUSB215 Datasheet HTML 7Page - Texas Instruments TUSB215 Datasheet HTML 8Page - Texas Instruments TUSB215 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
TUSB215
www.ti.com
SLLSEX8A – AUGUST 2017 – REVISED AUGUST 2017
Product Folder Links: TUSB215
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TUSB215
UNIT
RGY (VQFN)
14 PINS
RθJA
Junction-to-ambient thermal resistance
49.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
52.8
°C/W
RθJB
Junction-to-board thermal resistance
24.2
°C/W
ΨJT
Junction-to-top characterization parameter
2.2
°C/W
ΨJB
Junction-to-board characterization parameter
24.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7
°C/W
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER
IACTIVE_H
S
High-speed active curent
USB channel = HS mode; 480 Mbps
traffic; VCC = 5V; VCC supply stable; DC
Boost = 60 mV
18
30
mA
IIDLE_HS
High-speed idle current
USB channel = HS mode; no traffic; VCC
= 5V; VCC supply stable; DC Boost = 60
mV
13
22
mA
ISUSPEND
_HS
High-speed suspend current
USB channel = HS suspend mode; VCC
= 5V; VCC supply stable
0.76
1.5
mA
IFS_LS
Full/Low speed current
USB channel = FS mode or LS mode;
VCC = 5V
0.77
1.5
mA
IDISCONN
ECT
Disconnect current
Host side application; No device
attachment; VCC = 5V
0.86
1.5
mA
IRSTN
Disable current
RSTN driven low; VCC supply stable; VCC
= 5V
22
80
µA
ILKG_FS
Pin fail-safe leakage current for SDA,
SCL, DC_BOOST, DxP/N, RSTN
VCC = 0 V; Pin at 3.6 V
40
µA
RSTN
VIH
High-level input voltage
2
3.6
V
VIL
Low-level input voltage
0
0.8
V
IIH
High-level input current
VIH = 3.6 V
-4
4
µA
IIL
Low-level input current
VIL = 0 V
-11
11
µA
EQ
REQ
External pull-down resistor on EQ pin.
AC Boost Level 0
160
Ω
AC Boost Level 1
1.4
2
kΩ
AC Boost Level 2
3.7
3.9
kΩ
AC Boost Level 3
6
kΩ
CD, ENA_HS
VOH
High-level output voltage
IO = -50µA
2.4
V
VOL
Low-level output voltage
IO = 50µA
0.4
V
SCL, SDA
CI2CBUS
I2C Bus capacitance
4
150
pF
DC_BOOST
VIH
High-level input voltage
2.4
3.6
V
VIM
Mid-level input voltage
1.6
V
VIL
Low-level input voltage
0
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com