Electronic Components Datasheet Search
  English  ▼

X  

SH602 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SH602
Description  SH602
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SH602 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SH602 Datasheet HTML 1Page - List of Unclassifed Manufacturers SH602 Datasheet HTML 2Page - List of Unclassifed Manufacturers SH602 Datasheet HTML 3Page - List of Unclassifed Manufacturers SH602 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
            SH602
 
380
电特性 
若无其它规定,Vcc=24~30V, T
A=-20~65℃) 
极限值 
特  性 
符号 
条件 
 
最小 
最大 
单位 
 输入脉冲幅度 
VI
1IN:A、2IN:B、3IN:C
8 
15 
V 
输入阻抗 
RI
1IN:A、2IN:B、3IN:C 
6 
10 
kΩ 
输出脉冲幅度 
Vo
1IN:A、2IN:B、3IN:C
RL=39Ω Vcc=30V
27.8 
28.3 
V 
输出上升时间 
tr
1IN:A、2IN:B、3IN:C
RL=39Ω Vcc=30V
15 
32 
ns 
输出下降时间 
tf
1IN:A、2IN:B、3IN:C
RL=39Ω Vcc=30V 
30 
80 
ns 
tw1
1IN:A、2IN:B 
520 
570 
ns 
输出脉冲宽度 
tw2
3IN:C 
同输入信号 C 脉宽 
输出负载调整率 
SI
RL=∞~39Ω Vcc=30V
- 
3% 
 
tm1
2IN:B 
198 
220 
μs 
调制时间 
tm2
3IN:C 
203 
220 
μs 
输入信号灵敏度 
ks
1IN:A、2IN:B、3IN:C 
5.5 
6.5 
V 
脉冲分辨率 
t
p 
3IN:C 
200 
- 
ns 
注: ①A 为宽度 0.5~1μs 重复频率 50kHz 的正脉冲信号 
②B 为信号 0.5~1μs 重复频率 50kHz 的正脉冲信号 
③C 为宽度 0.5~15μs 的单次正脉冲信号 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com