Electronic Components Datasheet Search
  English  ▼

X  

SH602 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SH602
Description  SH602
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SH602 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SH602 Datasheet HTML 1Page - List of Unclassifed Manufacturers SH602 Datasheet HTML 2Page - List of Unclassifed Manufacturers SH602 Datasheet HTML 3Page - List of Unclassifed Manufacturers SH602 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
                SH602 
脉冲调制器  
 
 简要说明 
 SH602 是采用双面 SMT 技术制
作的脉冲调制器模块, 其工作电压范
围为 24~30V,内部有 5.1V 稳压电
源,有三个信号输入端和一个输出
端,输入阻抗为 6~10kΩ,输入脉冲
幅度为 8~20V。当第 1 或第 2 输入
端有信号时,输出是一个脉冲宽度为
550ns 的同步脉冲信号;当第 3 输入
端有信号时,输出信号的脉冲宽度与
输入信号相同并同步。在逻辑上当第
2 输入端有信号时,能自动关断第 1
输入端 200 微秒。当第 3 输入端有信
号时能自动关断第 1 输入端和第 2 输
入端 200 微秒。该电路外形尺寸为
32mm×18mm×9mm。
 应用范围 
可广泛应用于遥感、遥测、雷达
等信号搜索和跟踪处理系统中。
 推荐工作条件 
电源电压:24~30V
特点 
l
电源电压:24~30V 
l
输入阻抗:6~10kΩ 
l
调制器输入信号灵敏度为:
6±0.5V
l
输入脉冲幅度:8~20V 
 
绝对最大额定值
电源电压:35V
贮存温度:-55~85℃
引线耐焊接温度:300℃
 
引出端排列(俯视图)
工作环境温度:-20~65℃
输入脉冲幅度: 8~20V 
 
引出端功能符号表 
引出端序号 
符号 
功能 
引出端序号 
符合 
功能 
1 
2IN
 
输入 
4 
GND
 
地 
2 
1IN
 
输入 
5 
OUT
 
输出 
3 
3IN 
输入 
6 
V
CC 
电源 


Similar Part No. - SH602

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SH6022100YL ABC-SH6022100YL Datasheet
142Kb / 7P
SHIELDED SMD POWER INDUCTOR
SH6022101YL ABC-SH6022101YL Datasheet
142Kb / 7P
SHIELDED SMD POWER INDUCTOR
SH6022102YL ABC-SH6022102YL Datasheet
142Kb / 7P
SHIELDED SMD POWER INDUCTOR
SH6022120YL ABC-SH6022120YL Datasheet
142Kb / 7P
SHIELDED SMD POWER INDUCTOR
SH6022121YL ABC-SH6022121YL Datasheet
142Kb / 7P
SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com