Electronic Components Datasheet Search
  English  ▼

X  

MPC7450 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC7450
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC7450 Datasheet HTML 6Page - Motorola, Inc MPC7450 Datasheet HTML 7Page - Motorola, Inc MPC7450 Datasheet HTML 8Page - Motorola, Inc MPC7450 Datasheet HTML 9Page - Motorola, Inc MPC7450 Datasheet HTML 10Page - Motorola, Inc MPC7450 Datasheet HTML 11Page - Motorola, Inc MPC7450 Datasheet HTML 12Page - Motorola, Inc MPC7450 Datasheet HTML 13Page - Motorola, Inc MPC7450 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
MPC7450 RISC Microprocessor Hardware Specifications
MOTOROLA
Electrical and Thermal Characteristics
Table 2. Absolute Maximum Ratings1
Characteristic
Symbol
Maximum Value
Unit
Notes
Core supply voltage
VDD
–0.3 to 1.95
V
4
PLL supply voltage
AVDD
–0.3 to 1.95
V
4
Processor bus supply voltage
BVSEL = 0
OVDD
–0.3 to 1.95
V
3, 6
BVSEL = HRESET or OVDD
OVDD
–0.3 to 2.7
V
3, 7
L3 bus supply voltage
L3VSEL = ¬HRESET
GVDD
–0.3 to 1.65
V
3, 8
L3VSEL = 0
GVDD
–0.3 to 1.95
V
3, 9
L3VSEL = HRESET or GVDD
GVDD
–0.3 to 2.7
V
3, 10
Input voltage
Processor bus
Vin
–0.3 to OVDD + 0.3
V
2, 5
L3 bus
Vin
–0.3 to GVDD + 0.3
V
2, 5
JTAG signals
Vin
–0.3 to OVDD + 0.3
V
Storage temperature range
Tstg
–55 to 150
°C
Notes:
1.
Functional and tested operating conditions are given in Table 4. Absolute maximum ratings are stress ratings
only, and functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device
reliability or cause permanent damage to the device.
2.
Caution: Vin must not exceed OVDD or GVDD by more than 0.3 V at any time including during power-on reset.
3.
Caution: OVDD/GVDD must not exceed VDD/AVDD by more than 2.0 V at any time including during power-on
reset.
4.
Caution: VDD/AVDD must not exceed OVDD/GVDD by more than 0.4 V at any time including during power-on
reset.
5.
Vin may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.
6.
BVSEL must be set to 0, such that the bus is in 1.8 V mode.
7.
BVSEL must be set to HRESET or 1, such that the bus is in 2.5 V mode.
8.
L3VSEL must be set to ¬HRESET (inverse of HRESET), such that the bus is in 1.5 V mode.
9.
L3VSEL must be set to 0, such that the bus is in 1.8 V mode.
10. L3VSEL must be set to HRESET or 1, such that the bus is in 2.5 V mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com