Electronic Components Datasheet Search
  English  ▼

X  

MPC7450 Datasheet(PDF) 22 Page - Motorola, Inc

Part # MPC7450
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450 Datasheet(HTML) 22 Page - Motorola, Inc

Back Button MPC7450 Datasheet HTML 18Page - Motorola, Inc MPC7450 Datasheet HTML 19Page - Motorola, Inc MPC7450 Datasheet HTML 20Page - Motorola, Inc MPC7450 Datasheet HTML 21Page - Motorola, Inc MPC7450 Datasheet HTML 22Page - Motorola, Inc MPC7450 Datasheet HTML 23Page - Motorola, Inc MPC7450 Datasheet HTML 24Page - Motorola, Inc MPC7450 Datasheet HTML 25Page - Motorola, Inc MPC7450 Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
22
MPC7450 RISC Microprocessor Hardware Specifications
MOTOROLA
Electrical and Thermal Characteristics
Table 12 provides the L3 bus interface AC timing specifications for the configuration as shown in Figure 9,
assuming the timing relationships shown in Figure 10 and the loading shown in Figure 8.
Table 12. L3 Bus Interface AC Timing Specifications for MSUG2
At recommended operating conditions. See Table 4.
Parameter
Symbol
All Speed Grades
Unit
Notes
Min
Max
L3_CLK rise and fall time
tL3CR and tL3CF
—
1.0
ns
1
Setup times:Data and parity
tL3DVEH and tL3DVEL
–(tL3_ECHO_CLK/4
– 0.35)
—
ns
2, 3, 4
Input hold times:Data and parity
tL3DXEH and tL3DXEL
tL3_ECHO_CLK/4
+ 0.35
—
ns
2, 4
Valid times:Data and parity
All other outputs
tL3CHDV and tL3CLDV
tL3CHOV
—
—
–tL3_CLK/4 + 0.5
tL3_CLK/4 + 1.0
ns
5, 6, 7
5, 7
Output hold times:
Data and parity
All other outputs
tL3CHDX and tL3CLDX
tL3CHOX
tL3_CLK/4 – 0.35
tL3_CLK/4 + 0.5
—
—
ns
5, 6, 7
5, 7
L3_CLK to high impedance:
Data and parity
All other outputs
tL3CLDZ
tL3CHOZ
—
—
tL3_CLK/2
tL3_CLK/4 + 2.0
ns
Notes:
1. Rise and fall times for the L3_CLK output are measured from 20% to 80% of GVDD.
2. For DDR, all input specifications are measured from the midpoint of the signal in question to the midpoint voltage
of the rising or falling edge of the input L3_ECHO_CLKn (see Figure 10). Input timings are measured at the pins.
3. For DDR, the input data will typically follow the edge of L3_ECHO_CLKn as shown in Figure 10. For consistency
with other input setup time specifications, this will be treated as negative input setup time.
4. tL3_ECHO_CLK/4 is one-fourth the period of L3_ECHO_CLKn. This parameter indicates that the MPC7450 can latch
an input signal that is valid for only a short time before and a short time after the midpoint between the rising and
falling (or falling and rising) edges of L3_ECHO_CLKn at any frequency.
5. All output specifications are measured from the midpoint voltage of the rising (or for DDR write data, also the
falling) edge of L3_CLK to the midpoint of the signal in question. The output timings are measured at the pins. All
output timings assume a purely resistive 50-
Ω load (see Figure 8).
6. For DDR, the output data will typically lead the edge of L3_CLKn as shown in Figure 10. For consistency with other
output valid time specifications, this will be treated as negative output valid time.
7. tL3_CLK/4 is one-fourth the period of L3_CLKn. This parameter indicates that the specified output signal is actually
launched by an internal clock delayed in phase by 90°. Therefore, there is a frequency component to the output
valid and output hold times such that the specified output signal will be valid for approximately one L3_CLK period
starting three-fourths of a clock prior to the edge on which the SRAM will sample it and ending one-fourth of a clock
period after the edge it will be sampled.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com