Electronic Components Datasheet Search
  English  ▼

X  

TAS5101IDAP Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5101IDAP
Description  TRUE DIGITAL STEREO AUDIO AMPLIFIER WITH PWM STEREO POWER OUTPUT STAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5101IDAP Datasheet(HTML) 1 Page - Texas Instruments

  TAS5101IDAP Datasheet HTML 1Page - Texas Instruments TAS5101IDAP Datasheet HTML 2Page - Texas Instruments TAS5101IDAP Datasheet HTML 3Page - Texas Instruments TAS5101IDAP Datasheet HTML 4Page - Texas Instruments TAS5101IDAP Datasheet HTML 5Page - Texas Instruments TAS5101IDAP Datasheet HTML 6Page - Texas Instruments TAS5101IDAP Datasheet HTML 7Page - Texas Instruments TAS5101IDAP Datasheet HTML 8Page - Texas Instruments TAS5101IDAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TAS5101
SLES039 – JUNE 2002
TRUE DIGITAL STEREO AUDIO AMPLIFIER
WITH PWM STEREO POWER OUTPUT STAGE
1
www.ti.com
FEATURES
D 2 × 15 W High-Quality Digital Amplifier Power
Stage
D Single-Ended Output
D >95-dB Dynamic Range (TDAA System)
D THD+N < 0.1% (1 kHz, 1 W to 15 W RMS
Into 4
Ω)
D Power Efficiency > 90% Into 4-Ω to 8-Ω Load
D Low Profile, SMD 32-Pin PowerPAD Package
Requires No Heat-Sink When Using
Recommended Layout
D 2 × 15-W RMS Continuous Power Into 4 Ω
D Self-Protecting Design
D 3.3-V Digital Interface
D EMI Compliant When Used With
Recommended System Design
APPLICATIONS
D Digital TV Audio Amplifier
D Car Audio Amplifiers and Head Units
D Internet Music Appliance
D Mini/Micro Component Systems
DESCRIPTION
The TAS5101 is a high-performance true digital stereo
audio amplifier (TDAA) Power Stage, designed to drive
2
× 15 watts per channel. The TAS5101 incorporates
TI’s equibit
t technology and is used in conjunction with
a Digital Audio PWM processor (TAS50xx) to deliver
high-power, true digital audio amplification. The
efficiency of this digital amplifier can be greater than
90%, reducing the size of both the power supplies and
heat sinks needed. The TAS5101 accepts a stereo
PWM 3.3V input and controls the switching of an
internal CMOS H-bridge.
When used with the TAS50xx PWM Processor, system
performance of less than 0.09% THD is attainable.
Over-current
protection,
over-temperature,
and
under-voltage protections are built into the TAS5101,
safeguarding the H-bridge and speakers against output
shorts,
over-voltage
conditions,
and
other
fault
conditions that could damage the system.
TYPICAL TDAA STEREO AUDIO SYSTEM
Digital Audio
• TAS3001
• TAS3103
• DSP
• DIR1703
• 1394
TAS5101
L-C
Filter
L-C
Filter
TAS5010
• Volume
• EQ
• DRC
• Bass
• Treble
• Serial Audio Input Port
• Internal PLL
• PCM–PWM Modulator
• 2 × 15 W Single-Ended
H-Bridge Power Devices
NOTE:
The TAS5000 in NOT recommended for use with the TAS5101
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerPAD and Equibit are trademarks of Texas Instruments.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TAS5101IDAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5100 TI-TAS5100 Datasheet
214Kb / 16P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100 TI1-TAS5100 Datasheet
221Kb / 16P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100A TI-TAS5100A Datasheet
527Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100ADAP TI-TAS5100ADAP Datasheet
214Kb / 16P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100ADAP TI-TAS5100ADAP Datasheet
527Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
More results

Similar Description - TAS5101IDAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5110 TI-TAS5110 Datasheet
264Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
TAS5100 TI-TAS5100 Datasheet
214Kb / 16P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5100A TI-TAS5100A_07 Datasheet
527Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5100 TI1-TAS5100_08 Datasheet
221Kb / 16P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com