Electronic Components Datasheet Search
  English  ▼

X  

TAS5101IDAP Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5101IDAP
Description  TRUE DIGITAL STEREO AUDIO AMPLIFIER WITH PWM STEREO POWER OUTPUT STAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5101IDAP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5101IDAP Datasheet HTML 6Page - Texas Instruments TAS5101IDAP Datasheet HTML 7Page - Texas Instruments TAS5101IDAP Datasheet HTML 8Page - Texas Instruments TAS5101IDAP Datasheet HTML 9Page - Texas Instruments TAS5101IDAP Datasheet HTML 10Page - Texas Instruments TAS5101IDAP Datasheet HTML 11Page - Texas Instruments TAS5101IDAP Datasheet HTML 12Page - Texas Instruments TAS5101IDAP Datasheet HTML 13Page - Texas Instruments TAS5101IDAP Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TAS5101
SLES039 – JUNE 2002
10
www.ti.com
static digital specifications
RESET, HiZ, PWM_AP, PWM_AM, PWM_BP, PWM_BM, TA = 25°C, DVDD = 3.3 V
PARAMETERS
MIN
MAX
UNIT
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Input leakage current
–10
10
µA
ERR0, ERR1, SHUTDOWN, (open drain with internal pullup resistor) TA = 25°C, DVDD = 3.3 V)
PARAMETERS
MIN
MAX
UNIT
Internal pullup resistors from SHUTDOWN, ERR0, ERR1 to DVDD
15
k
Ω
Low-level output voltage (IO = 4 mA), VOL
0.4
V
TAS5010/TAS5101 system performance measured at the speaker terminals
See the TI Literature Number SLAA117 for TAS5010/TAS5101 system performance.
electrical characteristics
supply, TA = 25°C (Fswitching = 384 kHz, OUTPUTA and OUTPUTB not connected, DVDD = 3.3 V,
PVDDA1 = 26.5 V, PVDDB1 = 26.5 V, PVDDA2 = 26.5 V, PVDDB2 = 26.5 V, 50% input duty cycle)
PARAMETER
TYP
MAX
UNIT
DVDD
Operating
2
mA
Supply current
PVDDA1+PVDDB1+
PVDDA2+PVDDB2
Operating†
20
mA
† 13-k
Ω resistor from BIAS_A (pin 11) to DVSS and 13-kΩ resistor from BIAS_B (pin 12) to DVSS.
H-Bridge transistors, PVDDA2 = PVDDB2 = 22 V, DVDD = 3.3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Drain-to-source breakdown voltage
ID = 1 mA,
HiZ = 0,
Hi-Z state
28
V
Forward on-state resistance, low-side drivers
OUTPUTA and OUTPUTB to PVSS
ISINK = 2.5 A,
See Notes 2, 3, and 4,
PWM_AP = PWM_BP = 0,
PWM_AM = PWM_BM = 1
0.2
Ω
Forward on-state resistance, high-side drivers
PVDDA1 to OUTPUTA, PVDDB1 to OUTPUTB
ISOURCE = 2.5 A,
See Notes 2, 3, and 5,
PWM_AP = PWM_BP = 1,
PWM_AM = PWM_BM = 0
0.2
Ω
On-state resistance matching low side
98%
On-state resistance matching high side
98%
NOTES:
1. Test time should be < 1 ms to avoid temperature change.
2. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
3. Connect PVDDA2 and PVDDB2 to 26.5-V power supply with respect to PVSS. LDROUTA, LDROUTB, BOOTSTRAPA, and
BOOTSTRAPB pins open.
4. Connect PVDDA2 to 26.5-V power supply with respect to PVSS. LDROUTA, LDROUTB, BOOTSTRAPA and BOOTSTRAPB
capacitors are connected respectively. Clock PWM inputs to allow bootstrap capacitors to charge. 93–99% modulation must be used
on PWM_AP, PWM_AM, PWM_BP, and PWM_BM inputs to prevent the activity detector from shutting down the device during this
measurement. Note that Fswitching = 384 kHz.
electrical characteristics, voltage regulator, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage (LDROUTA, LDROUTB)
IO = 5 mA,
PVDDA2 = PVDDB2 = 18 V to 28 V,
See Note 6,
DVDD = 3.3 V
14.5
15.3
16
V
NOTE 5: These voltage regulators are for internal gate drive circuits only and are not to be used under any circumstances to supply current to
external circuity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com