Electronic Components Datasheet Search
  English  ▼

X  

THS3096 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS3096
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3096 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS3096 Datasheet HTML 9Page - Texas Instruments THS3096 Datasheet HTML 10Page - Texas Instruments THS3096 Datasheet HTML 11Page - Texas Instruments THS3096 Datasheet HTML 12Page - Texas Instruments THS3096 Datasheet HTML 13Page - Texas Instruments THS3096 Datasheet HTML 14Page - Texas Instruments THS3096 Datasheet HTML 15Page - Texas Instruments THS3096 Datasheet HTML 16Page - Texas Instruments THS3096 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
www.ti.com
−20
−15
−10
−5
0
5
10
15
20
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
−4
−3
−2
−1
0
1
2
3
4
t − Time −
µs
G = 5,
RL = 100 Ω,
RF = 715 Ω,
VS = ±15 V
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0
1
2
3
4
5
6
7
8
Number of Loads − 150
Ω
Gain = 2
RF = 909 Ω
VS = ±15 V
40 IRE − NTSC and Pal
Worst Case
±100 IRE Ramp
NTSC
PAL
0
0.01
0.02
0.03
0.04
0.05
0
1
2
3
4
5
6
7
8
Number of Loads − 150
Ω
Gain = 2
RF = 909 Ω
VS = ±15 V
40 IRE − NTSC and Pal
Worst Case
±100 IRE Ramp
NTSC
PAL
°
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
G= 5, CH1 to 2
G= 5, CH2 to 1
G= 2, CH2 to 1
G= 2, CH1 to 2
VS = ±15 V,
RL = 100 Ω
0
100
200
300
400
500
600
3
4
5
6
7
8
9
10 11 12 13 14 15
TA = -40°C
VS - Supply Voltage - ±V
TA = 85°C
TA = 25°C
0.01
0.1
1
10
100
1 M
10 M
100 M
1 G
f − Frequency − Hz
Gain = 2,
RISO = 5.11 Ω,
RF = 909 Ω,
VS = ±15 V
+
−
909
Ω
909
Ω
5.11
Ω VO
−0.1
0
0.1
0.2
0.3
0
1
2
3
4
5
0
1
2
3
4
5
6
t − Time − ms
Output Voltage
Powerdown Pulse
6
7
Gain = 2,
VI = 0.1 Vdc
RL = 100 Ω
VS = ±15 V and ±5 V
THS3092
THS3096
SLOS428A – DECEMBER 2003 – REVISED FEBRUARY 2004
TYPICAL CHARACTERISTICS (
±15 V) (continued)
DIFFERENTIAL GAIN
DIFFERENTIAL PHASE
vs
vs
OVERDRIVE RECOVERY TIME
NUMBER OF LOADS
NUMBER OF LOADS
Figure 28.
Figure 29.
Figure 30.
CLOSED-LOOP OUTPUT
POWER-DOWN QUIESCENT
IMPEDANCE
CROSSTALK
CURRENT
vs
vs
vs
FREQUENCY
FREQUENCY
SUPPLY VOLTAGE
Figure 31.
Figure 32.
Figure 33.
TURNON AND TURNOFF
TIME DELAY
Figure 34.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com