Electronic Components Datasheet Search
  English  ▼

X  

THS3096 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS3096
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3096 Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS3096 Datasheet HTML 23Page - Texas Instruments THS3096 Datasheet HTML 24Page - Texas Instruments THS3096 Datasheet HTML 25Page - Texas Instruments THS3096 Datasheet HTML 26Page - Texas Instruments THS3096 Datasheet HTML 27Page - Texas Instruments THS3096 Datasheet HTML 28Page - Texas Instruments THS3096 Datasheet HTML 29Page - Texas Instruments THS3096 Datasheet HTML 30Page - Texas Instruments THS3096 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
www.ti.com
THS3096 EVM
11
+
13
6
12
U1:B
3
1
14
2
4
J1
R1
R3
R4
R5
5 V
-5 V
R2
U1:A
J2
R6
J3
R9
R8
R7
J5
R11
R12
R10
J6
J4
5 V
C3
C1
FB1
J7
5 V
J8
GND
FB2
J9
-5 V
-5 V
C2
C4
TP1 TP2
+
15
JP1
R14
R15
J10
5 V
9
R13
C5
THS3092
THS3096
SLOS428A – DECEMBER 2003 – REVISED FEBRUARY 2004
Figure 75. THS3096 EVM Board Layout
(Top Layer)
Figure 74. THS3096 EVM Schematic
Figure 76. THS3096 EVM Board Layout
(Ground Plane)
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com