Electronic Components Datasheet Search
  English  ▼

X  

TL32 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # TL32
Description  Real Time System Testing MIT 16.070 Lecture 32
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TL32 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button TL32 Datasheet HTML 23Page - List of Unclassifed Manufacturers TL32 Datasheet HTML 24Page - List of Unclassifed Manufacturers TL32 Datasheet HTML 25Page - List of Unclassifed Manufacturers TL32 Datasheet HTML 26Page - List of Unclassifed Manufacturers TL32 Datasheet HTML 27Page - List of Unclassifed Manufacturers TL32 Datasheet HTML 28Page - List of Unclassifed Manufacturers TL32 Datasheet HTML 29Page - List of Unclassifed Manufacturers TL32 Datasheet HTML 30Page - List of Unclassifed Manufacturers TL32 Datasheet HTML 31Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
hperry
5/4/01
MIT 16.070 Requirements Matrix for Final Project
Rqmt #
Description
Method
Test (if applicable)
1
The system shall be composed of a controller (implemented on a handyboard), a
workstation simulation of the Mars Lander, a graphics package (which shall be
supplied to the developer) and a serial interface (cable and software) to connect
the controller to the workstation.
Inspection
n/a
2
The Mars Lander simulation shall begin to execute on the workstation.
Test
3
The simulation ends when the Mars Lander softly comes to rest on the surface
of Mars, when it crashes into the planet, or when it rises above its initial
altitude.
Test
Demo
4
When the spacecraft is allowed to free fall (no thrust), it shall crash into the
Mars surface in approximately 16 seconds.
Test
Demo
5
With thrust, the user should be able to land the spacecraft softly on Mars.
Test
Demo
6
The controller shall operate as the user’s interface to the Mars Lander Vehicle.
Test
7
Upon receipt of a data packet (1 byte) from the simulation, the controller shall:
1. Display vehicle altitude and vehicle velocity (both plus & minus) on the
handyboard LCD.
Test
Demo
8
Upon receipt of a data packet (1 byte) from the simulation, the controller shall:
2. Light the LEDs if the “Fuel Out” bit is on.
Test
Demo
9
Upon receipt of a data packet (1 byte) from the simulation, the controller shall:
3. Format a data packet and send it to the simulation.
Test
10
This data packet shall contain a “thrust on/off” indication. When the start
button is depressed, the controller shall indicate a “thrust on” condition to the
simulation. This condition will remain “on” until the stop button has been
depressed (even through subsequent transmissions of the data packet to the
simulation). When the stop button is depressed, the controller shall indicate a
“thrust off” condition to the simulation. This condition shall remain until the
start button is pressed.
Test
11
The simulation will track fuel remaining and send a flag to the controller
identifying when the fuel is out. If the vehicle has run out of fuel, the
simulation will not process any more thrust commands from the controller.
Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com