Electronic Components Datasheet Search
  English  ▼

X  

SP335E Datasheet(PDF) 13 Page - Exar Corporation

Part # SP335E
Description  TRANSCEIVER WITH INTERNAL TERMINATION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP335E Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP335E Datasheet HTML 9Page - Exar Corporation SP335E Datasheet HTML 10Page - Exar Corporation SP335E Datasheet HTML 11Page - Exar Corporation SP335E Datasheet HTML 12Page - Exar Corporation SP335E Datasheet HTML 13Page - Exar Corporation SP335E Datasheet HTML 14Page - Exar Corporation SP335E Datasheet HTML 15Page - Exar Corporation SP335E Datasheet HTML 16Page - Exar Corporation SP335E Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
FIGURE 4. RS-485/422 RECEIVER TERMINATION RESISTANCE
IB
±2V
Rx
IA
B
A
RTERM
RTERM =2(VA – VB)
IA – IB
-7V ≤ VA,VB ≤ +12V
Termination is enabled when both TERM and RS-485/RS-232 are logic high.
FIGURE 5. RS-485/422 DIFFERENTIAL DRIVER OUTPUT VOLTAGE
D
VOD
VCM
DE = VL
DI=0VorVL
Z
Y
RL
2
RL
2
FIGURE 6. RS-485/422 DIFFERENTIAL DRIVER OUTPUT VOLTAGE OVER COMMON MODE
D
VOD
VCM
60Ω
375Ω
375Ω
Z
Y
DE = VL
DI=0VorVL
FIGURE 7. RS-485/422 DRIVER OUTPUT SHORT CIRCUIT CURRENT
D
-7V to +12V
V
Z
Y
IOSD
DE = 0V or VL
DI=0VorVL
SP335E
13
REV. 1.0.2
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com