Electronic Components Datasheet Search
  English  ▼

X  

SP335E Datasheet(PDF) 2 Page - Exar Corporation

Part # SP335E
Description  TRANSCEIVER WITH INTERNAL TERMINATION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP335E Datasheet(HTML) 2 Page - Exar Corporation

  SP335E Datasheet HTML 1Page - Exar Corporation SP335E Datasheet HTML 2Page - Exar Corporation SP335E Datasheet HTML 3Page - Exar Corporation SP335E Datasheet HTML 4Page - Exar Corporation SP335E Datasheet HTML 5Page - Exar Corporation SP335E Datasheet HTML 6Page - Exar Corporation SP335E Datasheet HTML 7Page - Exar Corporation SP335E Datasheet HTML 8Page - Exar Corporation SP335E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those
indicated in the operation sections to the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability and cause permanent damage to the
device.
Supply Voltage VCC
-0.3V to 6.0V
Logic Interface Voltage VL
VL VCC
Voltage at TTL Input Pins
-0.3V to 6.0V
Receiver Input Voltage (from Ground)
±18V
Driver Output Voltage (from Ground)
±18V
Short Circuit Duration, TX out to Ground
Continuous
Storage Temperature Range
-65°C to 150°C
Lead Temperature (soldering, 10s)
300°C
Maximum Operating Junction Temperature, TJ
125°C
Power Dissipation 32-pin 5x5 QFN
(derate 26.0mW/°C above +70°C)
1400mW
SP335E
2
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
REV. 1.0.2
CAUTION:
ESD (ElectroStatic Discharge) sensitive device. Permanent damage may occur on unconnected devices
subject to high energy electrostatic fields. Unused devices must be stored in conductive foam or shunts.
Personnel should be properly grounded prior to handling this device. The protective foam should be
discharged to the destination socket before devices are removed.
ESD PROTECTION
MIN.
TYP.
MAX.
UNITS
TX Output & RX Input Pins
±15
kV
IEC 61000-4-2 Airgap
± 8
kV
IEC 61000-4-2 Contact
±15
kV
Human Body Model (HBM)
All Other Pins
± 3
kV
Human Body Model (HBM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com