Electronic Components Datasheet Search
  English  ▼

X  

ASW316 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASW316
Description  MMIC Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW316 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASW316 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASW316
5 ~ 3000 MHz MMIC Amplifier
(Supply Voltage = +5 V, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
5
900
1950
2700
Gain
dB
14.8
17.0
16.0
15.5
S11
dB
-18
-18
-20
-20
S22
dB
-10
-12
-10
-10
Output IP3
dBm
40.01)
42.52)
39.03)
38.04)
Noise Figure
dB
2.9
1.9
2.6
3.2
Output P1dB
dBm
20.5
21.0
22.5
20.0
Current
mA
110
110
110
110
Device Voltage
V
+5
+5
+5
+5
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
2) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1 MHz.
3) OIP3 is measured with two tones at an output power of +6 dBm/tone separated by 1 MHz.
4) OIP3 is measured with two tones at an output power of +4 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ.
Max
Testing Frequency
MHz
900
Gain
dB
17
S11
dB
-18
S22
dB
-12
Output IP3
dBm
42.5
Noise Figure
dB
1.9
Output P1dB
dBm
21
Current
mA
110
Device Voltage
V
+5
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+6 V
Operating Junction Temperature
+150
C
Input RF Power
(CW, 50
matched as in 1950 MHz application circuit)*
+23 dBm
Thermal Resistance
60
C/W
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
The max. input power, in principle, depends upon the application frequency and the matching circuit.
Features
Description
Absolute Maximum Ratings
 17 dB Gain at 900 MHz
 21 dBm P1dB at 900 MHz
 42.5 dBm OIP3 at 900 MHz
 1.9 dBm NF at 900 MHz
 MTTF > 100 Years
The ASW316, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both re-
ceiver and transmitter of telecommunication systems
up to 3 GHz. The amplifier is available in a SOT89
package and passes through the stringent DC, RF,
and reliability tests.
Application Circuit
 LTE (698 ~ 787 MHz)
 CMMB
 900 MHz
 LTE (1745 ~ 1860 MHz)
 1950 MHz
 2400 MHz
 2700 MHz
 500 ~ 3000 MHz
 IF (5 ~ 1000 MHz)
 IF (50 ~ 1000 MHz)
 IF (30 ~ 512 MHz)
Product Specifications
Typical Performance
ASW 313
ASW316
Package Style: SOT89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT & Bias


Similar Part No. - ASW316

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASW311 ASB-ASW311 Datasheet
359Kb / 9P
MMIC Amplifier
April 2014
ASW313 ASB-ASW313 Datasheet
1Mb / 19P
MMIC Amplifier
February 2017
ASW314 ASB-ASW314 Datasheet
1Mb / 23P
MMIC Amplifier
February 2017
ASW318 ASB-ASW318 Datasheet
1Mb / 23P
5 ~ 4000 MHz MMIC Amplifier
December 2014
ASW318 ASB-ASW318 Datasheet
1Mb / 24P
5 ~ 4000 MHz MMIC Amplifier
February 2017
More results

Similar Description - ASW316

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMA3117 ONSEMI-SMA3117 Datasheet
643Kb / 7P
MMIC Amplifier
August, 2013
logo
RF Micro Devices
SBW5089Z RFMD-SBW5089Z Datasheet
657Kb / 7P
MMIC AMPLIFIER
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C_17 Datasheet
965Kb / 13P
MMIC Amplifier
April 2017
ASW105 ASB-ASW105_17 Datasheet
858Kb / 7P
MMIC Amplifier
April 2017
ASW204 ASB-ASW204_17 Datasheet
1Mb / 16P
MMIC Amplifier
April 2017
ASW205 ASB-ASW205 Datasheet
1Mb / 17P
MMIC Amplifier
April 20173
ASW212 ASB-ASW212 Datasheet
1Mb / 11P
MMIC Amplifier
April 2017
ASW215 ASB-ASW215_17 Datasheet
956Kb / 9P
MMIC Amplifier
April 2017
ASW314 ASB-ASW314 Datasheet
1Mb / 23P
MMIC Amplifier
February 2017
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
MMIC AMPLIFIER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com