Electronic Components Datasheet Search
  English  ▼

X  

ASW316 Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASW316
Description  MMIC Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW316 Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASW316 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASW316 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10/15
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASW316
5 ~ 3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +4 dBm/tone
separated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
2700
Magnitude S21 (dB)
15.5
Magnitude S11 (dB)
-20
Magnitude S22 (dB)
-10
Output P1dB (dBm)
20
Output IP31) (dBm)
38
Noise Figure (dB)
3.2
Device Voltage (V)
+5
Current (mA)
110
LTE
2700 MHz
+5 V
2200
2400
2600
2800
3000
3200
0
5
10
15
20
Frequency (MHz)
2200
2400
2600
2800
3000
3200
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
2200
2400
2600
2800
3000
3200
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
L1=15 nH
RF IN
RF OUT
ASW316
Vs=5 V
C1=10 pF
C4=68 pF
C5=1
F
L2=3.3 nH
C2=1.5 pF
C3=1.2 pF
2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com