Electronic Components Datasheet Search
  English  ▼

X  

TPIC5401 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPIC5401
Description  H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC5401 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC5401 Datasheet HTML 1Page - Texas Instruments TPIC5401 Datasheet HTML 2Page - Texas Instruments TPIC5401 Datasheet HTML 3Page - Texas Instruments TPIC5401 Datasheet HTML 4Page - Texas Instruments TPIC5401 Datasheet HTML 5Page - Texas Instruments TPIC5401 Datasheet HTML 6Page - Texas Instruments TPIC5401 Datasheet HTML 7Page - Texas Instruments TPIC5401 Datasheet HTML 8Page - Texas Instruments TPIC5401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TPIC5401
H-BRIDGE GATE-PROTECTED
POWER DMOS ARRAY
SLIS024A – DECEMBER 1993 – REVISED MARCH 1994
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
resistive-load switching characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(on)
Turn-on delay time
32
65
td(off)
Turn-off delay time
VDD = 25 V,
RL = 25 Ω,ten = 10 ns,
40
80
ns
tr
Rise time
DD
,
t dis = 10 ns,
L
,
See Figure 2
en
,
15
30
ns
tf
Fall time
25
50
Qg
Total gate charge
V48 V
I1 A
V10 V
6.6
8
Qgs(th) Threshold gate-to-source charge
VDS = 48 V,
See Figure 3
ID = 1 A,
VGS = 10 V,
0.8
1
nC
Qgd
Gate-to-drain charge
See Figure 3
2.6
3.2
Ld
Internal drain inductance
5
nH
Ls
Internal source inductance
5
nH
Rg
Internal gate resistance
0.25
Ω
thermal resistances
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R
θJA
Junction to ambient thermal resistance (see Note 4)
DW
90
R
θJA
Junction-to-ambient thermal resistance (see Note 4)
NE
60
R
θJB
Junction-to-board thermal resistance
DW
All outputs with equal power
53
°C/W
R
θJP
Junction to pin thermal resistance
DW
30
R
θJP
Junction-to-pin thermal resistance
NE
25
NOTE 4: Package mounted on an FR4 printed-circuit board with no heatsink.
PARAMETER MEASUREMENT INFORMATION
IRM†
Reverse di/dt = 100 A/
µs
trr(SD)
† IRM = maximum recovery current
25% of IRM†
VDS = 48 V
VGS = 0
TJ = 25°C
Z1 and Z3‡
Time – ns
2
1
0
– 1
– 2
– 3
– 4
0
200
400
600
800
1000
1200
Shaded Area = QRR
‡ The above waveform is representative of Z2, Z4, D1, and D2 in shape only.
Figure 1. Reverse-Recovery-Current Waveform of Source-to-Drain Diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com