Electronic Components Datasheet Search
  English  ▼

X  

TPIC5401 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPIC5401
Description  H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC5401 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC5401 Datasheet HTML 1Page - Texas Instruments TPIC5401 Datasheet HTML 2Page - Texas Instruments TPIC5401 Datasheet HTML 3Page - Texas Instruments TPIC5401 Datasheet HTML 4Page - Texas Instruments TPIC5401 Datasheet HTML 5Page - Texas Instruments TPIC5401 Datasheet HTML 6Page - Texas Instruments TPIC5401 Datasheet HTML 7Page - Texas Instruments TPIC5401 Datasheet HTML 8Page - Texas Instruments TPIC5401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TPIC5401
H-BRIDGE GATE-PROTECTED
POWER DMOS ARRAY
SLIS024A – DECEMBER 1993 – REVISED MARCH 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low rDS(on) . . . 0.3 Ω Typ
D High Voltage Output...60 V
D Extended ESD Capability... 4000 V
D Pulsed Current...10 A Per Channel
D Fast Commutation Speed
description
The TPIC5401 is a monolithic gate-protected power DMOS array that consists of four N-channel
enhancement-mode DMOS transistors, two of which are configured with a common source. Each transistor
features integrated high-current zener diodes (ZCXa and ZCXb) to prevent gate damage in the event that an
overstress condition occurs. These zener diodes also provide up to 4000 V of ESD protection when tested using
the human-body model of a 100-pF capacitor in series with a 1.5-k
Ω resistor.
The TPIC5401 is offered in a 16-pin thermally enhanced dual-in-line (NE) package and a 20-pin wide-body
surface-mount (DW) package and is characterized for operation over the case temperature range of – 40
°C to
125
°C.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DRAIN2
SOURCE2/GND
GATE2
GND
GND
GATE4
SOURCE4/GND
DRAIN4
SOURCE1
DRAIN1
GATE1
GND
GND
GATE3
DRAIN3
SOURCE3
NE PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
SOURCE4/GND
GATE4
NC
DRAIN4
SOURCE3
DRAIN3
GATE3
NC
NC
SOURCE2/GND
GATE2
NC
NC
DRAIN2
SOURCE1
DRAIN1
GATE1
NC
NC
NC – No internal connection
DW PACKAGE
(TOP VIEW)
schematic
D1
DRAIN3
D2
Z1
Z3
Z2
Z4
GND, SOURCE2, SOURCE4
GATE3
DRAIN4
GATE4
SOURCE3
DRAIN1
GATE1
SOURCE1
DRAIN2
GATE2
Q1
Q2
Q4
Q3
ZC1b
ZC1a
ZC2b
ZC2a
ZC3b
ZC3a
ZC4b
ZC4a
NOTE: For correct operation, no terminal pin may be taken below GND.
Copyright
© 1994, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPIC5401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC5401 TI1-TPIC5401 Datasheet
566Kb / 17P
H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401DW TI1-TPIC5401DW Datasheet
566Kb / 17P
H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401NE TI1-TPIC5401NE Datasheet
566Kb / 17P
H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401 TI1-TPIC5401_16 Datasheet
566Kb / 17P
H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
More results

Similar Description - TPIC5401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC1310 TI-TPIC1310 Datasheet
231Kb / 11P
3-HALF H-BRIDGE GATE PROTECTED POWER DMOS ARRAY
TPIC5403 TI-TPIC5403 Datasheet
295Kb / 14P
4-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC1301 TI1-TPIC1301 Datasheet
269Kb / 14P
3-HALF H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC1321L TI1-TPIC1321L Datasheet
273Kb / 14P
3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5203 TI1-TPIC5203 Datasheet
261Kb / 13P
2-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5303 TI1-TPIC5303 Datasheet
264Kb / 14P
3-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5404 TI1-TPIC5404 Datasheet
270Kb / 15P
H-BRIDGE POWER DMOS ARRAY
TPIC5421L TI1-TPIC5421L Datasheet
299Kb / 16P
H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5424L TI1-TPIC5424L Datasheet
264Kb / 15P
H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
TPIC5401 TI1-TPIC5401_16 Datasheet
566Kb / 17P
H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com