Electronic Components Datasheet Search
  English  ▼

X  

TS3Y Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TS3Y
Description  Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS3Y Datasheet(HTML) 1 Page - Vishay Siliconix

  TS3Y Datasheet HTML 1Page - Vishay Siliconix TS3Y Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 51041
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 19-Jan-04
11
TS3Y
Vishay Sfernice
Surface Mount Miniature Trimmers 3mm
Single-Turn Cermet Sealed
FEATURES
• 0.125 Watt at 70°C
• Excellent Stability
• Small Size for Optimum Packing Density
• Suitable for both Manual and Automatic Operation
DIMENSIONS in millimeters
TS3 YJ
2.2
0.15
1.3
0.9
0.65
2.25
0.9
2
3
1
Adjustment slot
0.51wide
x 1.93 long
x 0.51 deep
3.2
3.5
RECOMMENDED
SOLDERING AREAS
CIRCUIT DIAGRAM
SOLDERING RECOMMENDATIONS
Vapor phase: 215°C/20 to 40 seconds.
Reflow: 230°C/20 seconds.
Do not exceed peak 260°C or with an IRON 40W: 3 seconds
at 350°C.
Soldering is possible by wave, reflow, and vapour phase.
1.6
1.6
4.5
0.65
1.1
1.1
1.6
0.6
a
c
b
cw
(2)
(3)
(1)
ELECTRICAL SPECIFICATIONS
Resistive Element
Cermet
Electrical Travel
220°
Resistance Range
10
Ω to 2MΩ
Stocked Range
1K
Ω to 100KΩ
Standard Series
1 - 2 - 5
Tolerance Standard
± 20%
Power Rating
0.125W at 70°C
Temp. Coefficient (Max.)
± 150ppm/°C
Limiting Element Voltage (Max.)
200V
Contact Resistance Variation
3% or 3
Ω
End Resistance
1% or 3
Ω
Dielectric Strength (Rms)
500V
Insulation Resistance
100M
Ω


Similar Part No. - TS3Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS3Y VISHAY-TS3Y Datasheet
134Kb / 3P
Surface Mount Miniature Trimmers 3 mm Single-Turn Cermet Sealed
09-Nov-06
TS3YJ VISHAY-TS3YJ Datasheet
134Kb / 3P
Surface Mount Miniature Trimmers 3 mm Single-Turn Cermet Sealed
09-Nov-06
TS3YJ VISHAY-TS3YJ Datasheet
114Kb / 4P
3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
02-Mar-18
TS3YJ503MR15 VISHAY-TS3YJ503MR15 Datasheet
120Kb / 4P
3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
31-Jan-17
TS3YJ50M3R15 VISHAY-TS3YJ50M3R15 Datasheet
114Kb / 4P
3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
02-Mar-18
More results

Similar Description - TS3Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSM4 VISHAY-TSM4 Datasheet
94Kb / 3P
Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
20-Oct-04
TS5Y VISHAY-TS5Y Datasheet
180Kb / 3P
Surface Mount Miniature Trimmers Single Turn Cermet Fully Sealed
04-Mar-02
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
19-Jan-04
TS3Y VISHAY-TS3Y_06 Datasheet
134Kb / 3P
Surface Mount Miniature Trimmers 3 mm Single-Turn Cermet Sealed
09-Nov-06
TS5Y VISHAY-TS5Y_07 Datasheet
108Kb / 4P
Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
27-Jun-07
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
27-Jun-07
TSM4 VISHAY-TSM4_07 Datasheet
125Kb / 4P
Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
02-Oct-07
logo
TOCOSAMERICA, INC.
G32 TOCOS-G32 Datasheet
394Kb / 5P
3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
logo
Vishay Siliconix
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
22-Dec-08
TS5 VISHAY-TS5 Datasheet
126Kb / 5P
Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
22-Sep-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com