Electronic Components Datasheet Search
  English  ▼

X  

TS3Y Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TS3Y
Description  Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS3Y Datasheet(HTML) 2 Page - Vishay Siliconix

  TS3Y Datasheet HTML 1Page - Vishay Siliconix TS3Y Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51041
12
Revision: 19-Jan-04
TS3Y
Vishay Sfernice
Surface Mount Miniature Trimmers 3mm
Single-Turn Cermet Sealed
MECHANICAL SPECIFICATIONS
Mechanical Travel
250°
Operating Torque (max. Ncm)
0.5
End Stop Torque ( min. Ncm)
2
Unit Weight (max. g)
0.1
Mechanical Life (Cycles)
50
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
– 55°C + 125°C
Sealing
sealed container
IP 67
STANDARD RESISTANCE TABLE
RESISTANCE
PART
MARKING
CODE
RESISTANCE
CODE
10
20
50
A1
21
51
100
200
500
100
200
500
1.000
2.000
5.000
10.000
20.000
50.000
100.000
A2
22
52
A3
23
53
A4
24
54
A5
101
201
501
102
202
502
103
203
503
104
200.000
500.000
1.000.000
2.000.000
25
55
A6
26
204
504
105
205
PACKAGING SPECIFICATIONS
ORDERING INFORMATION
TS3
SERIES
YJ
STYLE
500k
Ω
OHMIC VALUE
± 20%
TOLERANCE
TR1000
PACKAGING
TR1000 = tape and reel 1000 pcs.
Ø 13
± 0.51
Ø 21.01
± 0.79
Ø 178
± 2.03
Equal spaced
3 plcs.
1.78 min.
12.40 + 2.00
2.67
± 0.2
60
± 2.03
2.5
± 0.1
4.0
± 0.1
0.3
± 0.1
5.52
± 0.18
3.8
± 0.2
1.5
± 0.2
1.5
± 0.1
2.0
± 0.1
4.0
± 0.1
1.75
± 0.1
12
± 0.2
Reel of 1000 pieces.
SAP PART NUMBERING GUIDELINES
TS
3
Y
J
5
0
4
M
R
1
5
MODEL
STYLE
OHMIC
VALUE
TOL
PACKAGING
CODE
SPECIAL
(IF APPLICABLE)
See the end of this data book for conversion tables



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com