Electronic Components Datasheet Search
  English  ▼

X  

CRS08 Datasheet(PDF) 49 Page - Seiko Instruments Inc

Part # CRS08
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

CRS08 Datasheet(HTML) 49 Page - Seiko Instruments Inc

Back Button CRS08 Datasheet HTML 42Page - Seiko Instruments Inc CRS08 Datasheet HTML 43Page - Seiko Instruments Inc CRS08 Datasheet HTML 44Page - Seiko Instruments Inc CRS08 Datasheet HTML 45Page - Seiko Instruments Inc CRS08 Datasheet HTML 46Page - Seiko Instruments Inc CRS08 Datasheet HTML 47Page - Seiko Instruments Inc CRS08 Datasheet HTML 48Page - Seiko Instruments Inc CRS08 Datasheet HTML 49Page - Seiko Instruments Inc CRS08 Datasheet HTML 50Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
No.
TITLE
SCALE
UNIT
SII Semiconductor Corporation
mm
12.5max.
9.0±0.3
ø13±0.2
(60°)
(60°)
QTY
3,000
Enlarged drawing in the central part
No. MP006-A-R-SD-2.1
MP006-A-R-SD-2.1
SOT236-A-Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com