Electronic Components Datasheet Search
  English  ▼

X  

CRS08 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # CRS08
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

CRS08 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  CRS08 Datasheet HTML 1Page - Seiko Instruments Inc CRS08 Datasheet HTML 2Page - Seiko Instruments Inc CRS08 Datasheet HTML 3Page - Seiko Instruments Inc CRS08 Datasheet HTML 4Page - Seiko Instruments Inc CRS08 Datasheet HTML 5Page - Seiko Instruments Inc CRS08 Datasheet HTML 6Page - Seiko Instruments Inc CRS08 Datasheet HTML 7Page - Seiko Instruments Inc CRS08 Datasheet HTML 8Page - Seiko Instruments Inc CRS08 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
S-8363 Series
www.sii-ic.com
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz
PWM / PFM SWITCHABLE SWITCHING REGULATOR
© SII Semiconductor Corporation, 2010
Rev.2.0_01
1
The S-8363 Series is a CMOS step-up switching regulator which consists of a reference voltage source, an oscillation
circuit, an error amplifier, a phase compensation circuit, a current limit circuit, and a start-up circuit.
Due to the operation of the PWM / PFM switching control, pulses are skipped under the light load operation and the
S-8363 Series prevents decrease in efficiency caused by IC’s operating current.
The S-8363 Series is capable of start-up from 0.9 V (IOUT = 1 mA) by the start-up circuit, and is suitable for applications
which use one dry cell.
The output voltage is freely settable from 1.8 V to 5.0 V by external parts.
Ceramic capacitors can be used for output capacitor. Small packages SNT-6A and SOT-23-6 enable high-density
mounting.
Features
• Low operation voltage
: Start-up from 0.9 V (IOUT = 1 mA) guaranteed
• Oscillation frequency
: 1.2 MHz
• Input voltage range
: 0.9 V to 4.5 V
• Output current
: 300 mA (VIN = 1.8 V, VOUT = 3.3 V)
• Reference voltage
: 0.6 V
±2.5%
• Efficiency
: 85%
• Soft start function
: 1.2 ms typ.
• Low current consumption
: During switching-off, 95
μA typ.
• Duty ratio
: PWM / PFM switching control
max.88%
• Power-off function
: Current consumption during power-off 3.0
μA max.
• Current limit circuit
: limits the peak value of inductor current
• Nch power MOS FET ON resistance
: 0.25
Ω typ.
• Start-up function
: Operation with fixed duty pulse under the VOUT voltage of 1.4 V or less
• Lead-free, Sn 100%, halogen-free*1
*1.
Refer to “ Product Name Structure” for details.
Applications
• MP3 players, digital audio players
• Digital cameras, GPS, wireless transceiver
• Portable devices
Packages
• SNT-6A
• SOT-23-6


Similar Part No. - CRS08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS08 TOSHIBA-CRS08 Datasheet
174Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CRS08 TOSHIBA-CRS08 Datasheet
179Kb / 5P
Switching Mode Power Supply Applications
logo
AiT Semiconductor Inc.
CRS08 AITSEMI-CRS08 Datasheet
729Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 30 V FORWARD CURRENT 1.5A
REV1.0
logo
Willow Technologies Ltd
CRS0805 WILLOW-CRS0805 Datasheet
255Kb / 2P
Miniature/Standard Chip Resistors
logo
Riedon Powertron
CRS0805 RIEDON-CRS0805 Datasheet
274Kb / 2P
Thick Film Chip Resistors
More results

Similar Description - CRS08

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8321 SII-S-8321 Datasheet
1Mb / 26P
SMALL PACKAGE PFM CONTROL STEP-UP SWITCHING REGULATOR
S-8365 SII-S-8365 Datasheet
1Mb / 63P
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
PWM/PFM SWITCHABLE SWITCHING REGULATOR
S8340 SII-S8340 Datasheet
3Mb / 55P
STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8353 SII-S8353 Datasheet
2Mb / 49P
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
S8355 SII-S8355 Datasheet
3Mb / 72P
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8365 SII-S8365 Datasheet
3Mb / 63P
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8355 ABLIC-S-8355 Datasheet
853Kb / 72P
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_02
S-8363 ABLIC-S-8363 Datasheet
792Kb / 50P
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_02
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com