Electronic Components Datasheet Search
  English  ▼

X  

S8520 Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S8520
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8520 Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S8520 Datasheet HTML 1Page - Seiko Instruments Inc S8520 Datasheet HTML 2Page - Seiko Instruments Inc S8520 Datasheet HTML 3Page - Seiko Instruments Inc S8520 Datasheet HTML 4Page - Seiko Instruments Inc S8520 Datasheet HTML 5Page - Seiko Instruments Inc S8520 Datasheet HTML 6Page - Seiko Instruments Inc S8520 Datasheet HTML 7Page - Seiko Instruments Inc S8520 Datasheet HTML 8Page - Seiko Instruments Inc S8520 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8520/8521 Series
Rev.9.0_01
2
Applications
• On-board power supplies of battery devices for mobile phone, electronic notebooks, PDAs.
• Power supplies for audio equipment, including portable CD players and headphone stereo equipment.
• Fixed voltage power supply for cameras, video and communication devices.
• Power supplies for microcomputers
• Conversion from NiH or four NiCd cells or two lithium-ion cells to 3.3 V / 3 V.
• Conversion of AC adapter input to 5 V / 3 V.
Package
• SOT-23-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com