Electronic Components Datasheet Search
  English  ▼

X  

S8520 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S8520
Description  STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8520 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S8520 Datasheet HTML 4Page - Seiko Instruments Inc S8520 Datasheet HTML 5Page - Seiko Instruments Inc S8520 Datasheet HTML 6Page - Seiko Instruments Inc S8520 Datasheet HTML 7Page - Seiko Instruments Inc S8520 Datasheet HTML 8Page - Seiko Instruments Inc S8520 Datasheet HTML 9Page - Seiko Instruments Inc S8520 Datasheet HTML 10Page - Seiko Instruments Inc S8520 Datasheet HTML 11Page - Seiko Instruments Inc S8520 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8520/8521 Series
Rev.9.0_01
8
Absolute Maximum Ratings
Table 4
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute maximum rating
Unit
VIN pin voltage
A, C, E types
VIN
VSS
− 0.3 to VSS + 12.0
V
B, D, F types
VSS
− 0.3 to VSS + 18.0
V
VOUT pin voltage
A, C, E types
VOUT
VSS
− 0.3 to VSS + 12.0
V
B, D, F types
VSS
− 0.3 to VSS + 18.0
V
ON/OFF
______
pin voltage
A, C, E types
VON/OFF
______
VSS
− 0.3 to VSS + 12.0
V
B, D, F types
VSS
− 0.3 to VSS + 18.0
V
EXT pin voltage
VEXT
VSS
− 0.3 to VIN + 0.3
V
EXT pin current
IEXT
±50
mA
Power dissipation
PD
250 (When not mounted on board)
mW
600*1
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
400
200
0
500
300
100
600
700
Ambient Temperature (Ta) [
°C]
0
50
100
150
200
100
0
250
150
50
300
Ambient Temperature (Ta) [
°C]
Figure 4 Power Dissipation of Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com