Electronic Components Datasheet Search
  English  ▼

X  

UPC2776 Datasheet(PDF) 3 Page - NEC

Part # UPC2776
Description  2.7 GHz SILICON MIMIC WIDE BAND AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2776 Datasheet(HTML) 3 Page - NEC

  UPC2776 Datasheet HTML 1Page - NEC UPC2776 Datasheet HTML 2Page - NEC UPC2776 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PART NUMBER
QTY
UPC2776T-E3
3K/Reel
ORDERING INFORMATION
3.10
4
5
3
2
1
6
1.0
MIN
0.5 MIN
0.95
1.0
MIN
RECOMMENDED P.C.B. LAYOUT (Units in mm)
3
2
1
4
5
6
3
2
1
4
5
6
(Top View)
(Bottom View)
LEAD CONNECTIONS
4. OUTPUT
5. GND
6. VCC
Note:
Package Markings
C2L: UPC2776T
1. INPUT
2. GND
3. GND
+0.2
-0.3
2.8
1.5
+0.2
-0.1
1
2
3
4
5
6
1.9±0.2
-0.05
+0.10
0.3
0.13±0.1
1.1
+0.2
-0.1
0 to 0.1
0.95
0.95
0.8
2.9±0.2
Note:
All dimensions are typical unless otherwise specified.
UPC2776T
PACKAGE OUTLINE T06
OUTLINE DIMENSIONS (Units in mm)
UPC2776T
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER - 1/96
DATA SUBJECT TO CHANGE WITHOUT NOTICE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com