Electronic Components Datasheet Search
  English  ▼

X  

UPC2776 Datasheet(PDF) 1 Page - NEC

Part # UPC2776
Description  2.7 GHz SILICON MIMIC WIDE BAND AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2776 Datasheet(HTML) 1 Page - NEC

  UPC2776 Datasheet HTML 1Page - NEC UPC2776 Datasheet HTML 2Page - NEC UPC2776 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PART NUMBER
UPC2776T
PACKAGE OUTLINE
TO6
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Circuit Current (no signal)
mA
18
25
33
Gs
Small Signal Gain, f = 1 GHz
dB
21
23
26
fU
Upper Limit Operating Frequency
GHz
2.3
2.7
(The gain at fU is 3 dB down from the gain at 0.1 GHz)
∆GS
Gain Flatness, f = 0.1 ~ 2.0 GHz
dB
±1.0
P1dB
Output Power at 1 dB Compression f = 1 GHz
dBm
+4
+6.0
NF
Noise Figure, f = 1 GHz
dB
6.0
7.5
RLIN
Input Return Loss, f = 1 GHz
dB
4.5
7.5
RLOUT
Output return Loss, f = 1 GHz
dB
15
20
ISOL
Isolation, f = 1 GHz
dB
27
32
PSAT
Saturated Output Power, f = 1 GHz
dBm
8.5
IM3
3rd Order Intermodulation Distortion, f = 1 GHz
dBc
-30
PO = 0 dBm each tone, f1 = 1000 MHz, f2 = 1002 MHz
RTH
Thermal Resistance (Junction to Ambient)
°C/W
200
2.7 GHz SILICON MIMIC
WIDE BAND AMPLIFIER
The UPC2776T is a Silicon Monolithic integrated circuit
manufactured using the NESAT III process. This device is
suitable for wide band IF blocks due to its high gain and flat
response. The UPC2776T is designed as a low cost IC gain
stage in DBS, TVRO, PCS, WLAN and other communication
receivers.
DESCRIPTION AND APPLICATIONS
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, TA = 25 °C, ZIN = ZOUT = 50 Ω)
FEATURES
•
WIDE FREQUENCY RESPONSE: 2.7 GHz
•
FLAT GAIN RESPONSE:
±1.0 dB
•
HIGH GAIN: 23 dB
•
MEDIUM OUTPUT POWER: P1dB: 6.0 dBm @ 1.0 GHz
•
5 V SINGLE SUPPLY VOLTAGE
•
SMALL SURFACE MOUNT PACKAGE : T06
•
TAPE AND REEL PACKAGING AVAILABLE
California Eastern Laboratories
PRELIMINARY DATA SHEET
GAIN vs. FREQUENCY
Frequency, f (GHz)
30
25
20
15
10
0
0.5
1.0
1.5
2.0
2.5
3.0
UPC2776T


Similar Part No. - UPC2776

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2776 NEC-UPC2776 Datasheet
80Kb / 12P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776T NEC-UPC2776T Datasheet
80Kb / 12P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB Datasheet
80Kb / 12P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC2776TB CEL-UPC2776TB Datasheet
320Kb / 14P
5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB CEL-UPC2776TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
More results

Similar Description - UPC2776

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2711T NEC-UPC2711T Datasheet
185Kb / 12P
2.9 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2712T NEC-UPC2712T Datasheet
159Kb / 12P
2.6 GHz WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
UPC2710T NEC-UPC2710T Datasheet
95Kb / 6P
1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2709T NEC-UPC2709T Datasheet
96Kb / 6P
2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
logo
TriQuint Semiconductor
TGA4522-EPU TRIQUINT-TGA4522-EPU Datasheet
167Kb / 10P
33 - 47 GHz Wide Band Driver Amplifier
logo
NEC
UPC2708T NEC-UPC2708T Datasheet
140Kb / 6P
3 GHz SILICON MMIC WIDE-BAND AMPLIFIER
logo
TriQuint Semiconductor
TGA4522 TRIQUINT-TGA4522 Datasheet
168Kb / 11P
33 - 47 GHz Wide Band Driver Amplifier
logo
NEC
UPG110B NEC-UPG110B Datasheet
73Kb / 3P
2-8 GHZ WIDE-BAND AMPLIFIER
logo
United Monolithic Semic...
CHA3023 UMS-CHA3023 Datasheet
389Kb / 8P
1-18 GHz WIDE BAND AMPLIFIER
CHA3023 UMS-CHA3023_15 Datasheet
231Kb / 8P
1-18 GHz WIDE BAND AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com