Electronic Components Datasheet Search
  English  ▼

X  

X1240 Datasheet(PDF) 13 Page - Xicor Inc.

Part # X1240
Description  Real Time Clock/Calendar with EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1240 Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X1240 Datasheet HTML 9Page - Xicor Inc. X1240 Datasheet HTML 10Page - Xicor Inc. X1240 Datasheet HTML 11Page - Xicor Inc. X1240 Datasheet HTML 12Page - Xicor Inc. X1240 Datasheet HTML 13Page - Xicor Inc. X1240 Datasheet HTML 14Page - Xicor Inc. X1240 Datasheet HTML 15Page - Xicor Inc. X1240 Datasheet HTML 16Page - Xicor Inc. X1240 Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
X1240
13
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias .................. -65˚C to +135˚C
Storage Temperature ....................... -65˚C to +150˚C
Voltage on any pin with respect to ground-1.0V to 7.0V
DC Output Current .............................................5 mA
Lead Temperature (Soldering, 10 Seconds) .... 300˚C
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute max-
imum rating conditions for extended periods may
affect device reliability.
DC OPERATING CHARACTERISTICS (Temperature = -40°c to +85°c, unless otherwise stated.)
Notes: (1)
The device enters the Active state after any start, and remains active: for 9 clock cycles if the Device Select Bits in the Slave
AddressByte are incorrect or until 200nS after a stop ending a read or write operation.
(2)
The device enters the Program state 200nS after a stop ending a write operation and continues for tWC.
Symbol
Parameter
Min
Typ
Max
Unit
Notes
Vcc
Main Power Supply
2.7
3.6
V
VBACK
Backup Power Supply
1.8
3.6
V
VCB
Switch to Backup Supply
VCC =
VBACK -0.2
VBACK -0.1
V
(17)
VBC
Switch to Main Supply
VCC =
VBACK
VBACK +0.1
V
(17)
ICC1
Read Active Supply Current
VCC = 2.7V
400
µA
(5), (8), (15)
VCC = 3.6V
800
µA
ICC2
Program Supply Current
(nonvolatile)
VCC = 2.7V
1.5
mA
(5), (8), (16), (17)
VCC = 3.6V
3.0
mA
ICC3
Main Timekeeping Current
VCC = 2.7V
1.7
µA
(5), (7), (16), (17)
VCC = 3.6V
1.5
µA
IBACK1
Backup Timekeeping Current
VBACK = 1.8V
1.0
µA
(7), (10), (16),
(17)
VBACK = 3.6V
1.5
µA
IBACK2
Backup Supply Current
(External crystal network)
VBACK = 1.8V
1.6
3
µA
(7), (10), (16),
(17)
VBACK = 3.6V
7.5
10
µA
ILI
Input Leakage Current
10
µA
(11)
ILO
Output Leakage Current
10
µA
(11)
VIL
Input LOW Voltage
-0.5
VCC x 0.2 or
VBACK x 0.2
V
(5), (14)
VIH
Input HIGH Voltage
VCC x 0.7 or
VBACK x 0.7
VCC + 0.5
VBACK + 0.5
V
(5), (14)
VHYS
Schmitt Trigger Input
Hysteresis
Vcc related level
.05 x VCC or
.05 x VBACK
V
(14)
VOL
Output LOW Voltage
VCC = 2.7V
0.4
V
(12)
VCC = 3.6V
0.4
VOH
Output HIGH Voltage
VCC = 2.7V
1.6
V
(13)
VCC = 3.6V
2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com