Electronic Components Datasheet Search
  English  ▼

X  

X1240 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X1240
Description  Real Time Clock/Calendar with EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1240 Datasheet(HTML) 2 Page - Xicor Inc.

  X1240 Datasheet HTML 1Page - Xicor Inc. X1240 Datasheet HTML 2Page - Xicor Inc. X1240 Datasheet HTML 3Page - Xicor Inc. X1240 Datasheet HTML 4Page - Xicor Inc. X1240 Datasheet HTML 5Page - Xicor Inc. X1240 Datasheet HTML 6Page - Xicor Inc. X1240 Datasheet HTML 7Page - Xicor Inc. X1240 Datasheet HTML 8Page - Xicor Inc. X1240 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
X1240
2
PIN CONFIGURATION
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of
the device. The input buffer on this pin is always active
(not gated).
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into
and out of the device. It has an open drain output and
may be wire ORed with other open drain or open col-
lector outputs. The input buffer is always active (not
gated).
An open drain output requires the use of a pull-up
resistor. The output circuitry controls the fall time of
the output signal with the use of a slope controlled
pull-down. The circuit is designed for 400kHz 2-wire
interface speeds.
VBACK
This input provides a backup supply voltage to the
device. VBACK supplies power to the device in the
event the VCC supply fails.
X1, X2
The X1 and X2 pins are the input and output, respec-
tively, of an inverting amplifier that can be configured
for use as an on-chip oscillator. A 32.768kHz quartz
crystal is used. Recommeded crystals are Sieko VT-200
or Epson C-002RX. The crystal supplies a timebase
for a clock/oscillator. The internal clock can be driven
by an external signal on X1, with X2 left unconnected.
Figure 1. Recommended Crystal connection
POWER CONTROL OPERATION
The Power control circuit accepts a VCC and a VBACK
input. The power control circuit will switch to VBACK
when VCC < VBACK - 0.2V. It will switch back to VCC
when VCC exceeds VBACK.
Figure 2. Power Control
REAL TIME CLOCK OPERATION
The Real Time Clock (RTC) uses an external, 32.768KHz
quartz crystal to maintain an accurate internal repre-
sentation of the year, month, day, date, hour, minute,
and seconds. The RTC has leap-year correction and a
century byte. The clock will also correct for months hav-
ing fewer than 31 days and will have a bit that controls
24 hour or AM/PM format. When the X1240 powers up
after the loss of both VCC and VBACK, the clock will not
increment until at least one byte is written to the clock
register.
Reading the Real Time Clock
The RTC is read by initiating a Read command and
specifying the address corresponding to the register of
the Real Time Clock. The RTC Registers can then be
read in a Sequential Read Mode. Since the clock runs
continuously and a read takes a finite amount of time,
there is the possibility that the clock could change dur-
ing the course of a read operation. In this device, the
time is latched by the read command (falling edge of
X1240
X1
X2
VBack
VCC
NC
SCL
SDA
VSS
1
2
3
4
7
8
6
5
8 pin TSSOP
X1240
X1
X2
VBack
VCC
NC
SCL
SDA
VSS
1
2
3
4
7
8
6
5
8 pin SOIC
X1
X2
43pF
18pF
220K
10M
VBACK
VCC = VBACK -0.2V
Internal
Voltage
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com