Electronic Components Datasheet Search
  English  ▼

X  

X9252 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X9252
Description  Quad Digitally-Controlled (XDCP) potentiometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9252 Datasheet(HTML) 2 Page - Xicor Inc.

  X9252 Datasheet HTML 1Page - Xicor Inc. X9252 Datasheet HTML 2Page - Xicor Inc. X9252 Datasheet HTML 3Page - Xicor Inc. X9252 Datasheet HTML 4Page - Xicor Inc. X9252 Datasheet HTML 5Page - Xicor Inc. X9252 Datasheet HTML 6Page - Xicor Inc. X9252 Datasheet HTML 7Page - Xicor Inc. X9252 Datasheet HTML 8Page - Xicor Inc. X9252 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2 of 21
REV 1.4.1 7/29/03
www.xicor.com
X9252
PIN CONFIGURATION
ORDERING INFO
Ordering Number
RTOTAL
Package
Operating Temperature Range
X9252YV24-2.7
2.8k
Ω
24-lead TSSOP
0°C to 70°C
X9252YV24I-2.7
2.8k
Ω
24-lead TSSOP
-40°C to +85°C
X9252WV24-2.7
10k
Ω
24-lead TSSOP
0°C to 70°C
X9252WV24I-2.7
10k
Ω
24-lead TSSOP
-40°C to +85°C
X9252UV24-2.7
50k
Ω
24-lead TSSOP
0°C to 70°C
X9252UV24I-2.7
50k
Ω
24-lead TSSOP
-40°C to +85°C
X9252TV24-2.7
100k
Ω
24-lead TSSOP
0°C to 70°C
X9252TV24I-2.7
100k
Ω
24-lead TSSOP
-40°C to +85°C
TSSOP
RH2
RH3
RW2
1
2
3
4
5
6
7
14
20
19
18
17
16
15
X9252
DS0
DS1
A0
RW3
U/D
RL3
SCL
RL2
VSS
RL1
RW0
CS
RH0
RL0
RW1
RH1
VCC
8
9
10
13
WP
A2
11
12
SDA
A1
24
23
22
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com