Electronic Components Datasheet Search
  English  ▼

X  

X9252 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9252
Description  Quad Digitally-Controlled (XDCP) potentiometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9252 Datasheet(HTML) 4 Page - Xicor Inc.

  X9252 Datasheet HTML 1Page - Xicor Inc. X9252 Datasheet HTML 2Page - Xicor Inc. X9252 Datasheet HTML 3Page - Xicor Inc. X9252 Datasheet HTML 4Page - Xicor Inc. X9252 Datasheet HTML 5Page - Xicor Inc. X9252 Datasheet HTML 6Page - Xicor Inc. X9252 Datasheet HTML 7Page - Xicor Inc. X9252 Datasheet HTML 8Page - Xicor Inc. X9252 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4 of 21
REV 1.4.1 7/29/03
www.xicor.com
X9252
ABSOLUTE MAXIMUM RATINGS
Junction Temperature under bias ......–65
°C to +135°C
Storage temperature .........................–65
°C to +150°C
Voltage at any digital interface pin
with respect to VSS..................................–1V to +7V
VCC ............................................................–1V to +7V
Voltage at any DCP pin with
respect to VSS..........................................-1V to VCC
Lead temperature (soldering, 10 seconds).........300
°C
IW (10 seconds) ................................................. ±6mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; the functional operation of
the device (at these or any other conditions above
those listed in the operational sections of this specifica-
tion) is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect device
reliability.
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Device
Supply Voltage (VCC)
(4) Limits
X9252
2.7V to 5.5V
ANALOG CHARACTERISTICS
(Over recommended operating conditions unless otherwise stated.)
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.(4)
Max.
Unit
RTOTAL
End to end resistance
2.8, 10,
50, 100
k
Ω
Y, W, U, T versions respectively
End to end resistance tolerance
-20
+20
%
Power rating
50
mW
25°C, each DCP
RTOTAL
Matching
DCP to DCP resistance
matching
0.75
2.0
%
IW
(5)
Wiper current
-3.0
+3.0
mA
See test circuit
RW
Wiper resistance
50
150
Ω
Wiper current =
VTERM
Voltage on any DCP pin
Vss
Vcc
V
Noise(5)
-120
dBV
Ref: 1kHz
Resolution
0.4
%
Absolute linearity(1)
–1
+1
MI(3)
V(RH0)=V(RH1)=V(RH2)=V(RH3)=VCC
V(RL0)=V(RL1)=V(RL2)=V(RL3)=VSS
Relative linearity(2)
–0.3
+0.3
MI(3)
Temperature coefficient of
resistance(5)
±300
ppm/
°C
Ratiometric Temperature(5)
Coefficient
–20
+20
ppm/°C
CH/CL/CW Potentiometer Capacitance
(5)
10/10/25
pF
See equivalent circuit
IOL
Leakage on DCP pins
0.1
10
µA
Voltage at pin from VSS to VCC
VCC
RTOTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com